Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STBB3J Datasheet(PDF) 18 Page - STMicroelectronics

Part # STBB3J
Description  2 A, high efficiency single inductor buck-boost DC-DC converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBB3J Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STBB3J Datasheet HTML 14Page - STMicroelectronics STBB3J Datasheet HTML 15Page - STMicroelectronics STBB3J Datasheet HTML 16Page - STMicroelectronics STBB3J Datasheet HTML 17Page - STMicroelectronics STBB3J Datasheet HTML 18Page - STMicroelectronics STBB3J Datasheet HTML 19Page - STMicroelectronics STBB3J Datasheet HTML 20Page - STMicroelectronics STBB3J Datasheet HTML 21Page - STMicroelectronics STBB3J Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
Application information
STBB3J
18/25
DocID025263 Rev 5
Equation 2
Equation 3
where fs is the minimum value of the switching frequency and ΔIL is the inductor ripple
current. The amplitude of the inductor ripple current is typically set between 20% and 40%
of the maximum inductor current. To guarantee an inductor ripple current always lower than
the selected value
ΔIL, the higher value between LMIN_BUCK and LMIN_BOOST have to be
chosen.
In addition to the inductance value, also the maximum current which the inductor can handle
must be calculated in order to avoid saturation.
Equation 4
Equation 5
where
η is the estimated efficiency. The maximum of the two values above must be
considered when selecting the inductor.
8.3
Input and output capacitor selection
It is recommended to use ceramic capacitors with low ESR as input and output capacitors in
order to filter any disturbance present in the input line and to obtain stable operation.
Minimum values of 10 µF for both capacitors, CIN and COUT, are needed to achieve good
behavior of the device. The input capacitor must be placed as close as possible to the
device.
An R-C filter is added to VINA pin (R3-C5 Figure 26) to assure a clean input voltage to the
internal logic block.
L
MIN_BUCK
V
OUT
V
IN_MAX
V
OUT
–
()
×
V
IN_MAX
f
S
ΔI
L
×
×
---------------------------------------------------------------------
=
L
MIN_BOOST
V
IN_MIN
V
OUT
V
IN_MIN
–
()
×
V
OUT
f
S
ΔI
L
×
×
-------------------------------------------------------------------------
=
I
PEAK_BUCK
I
OUT
η
------------
V
OUT
V
IN_MAX
V
OUT
–
()
×
2V
IN_MAX
f
S
L
×
×
×
---------------------------------------------------------------------
+
=
I
PEAK_BOOST
V
OUT
I
OUT
×
η V
IN_MIN
×
---------------------------------

 VIN_MIN
V
OUT
V
IN_MIN
–
()
×
2V
OUT
f
S
L
×
×
×
-------------------------------------------------------------------------
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com