Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C164CI Datasheet(PDF) 39 Page - Infineon Technologies AG

Part # C164CI
Description  16-bit CMOS Single-Chip Microcontroller
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C164CI Datasheet(HTML) 39 Page - Infineon Technologies AG

Back Button C164CI Datasheet HTML 35Page - Infineon Technologies AG C164CI Datasheet HTML 36Page - Infineon Technologies AG C164CI Datasheet HTML 37Page - Infineon Technologies AG C164CI Datasheet HTML 38Page - Infineon Technologies AG C164CI Datasheet HTML 39Page - Infineon Technologies AG C164CI Datasheet HTML 40Page - Infineon Technologies AG C164CI Datasheet HTML 41Page - Infineon Technologies AG C164CI Datasheet HTML 42Page - Infineon Technologies AG C164CI Datasheet HTML 43Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 53 page
background image
Semiconductor Group
39
1998-02
C164CI
Phase Locked Loop
For all other combinations of pins P0.15-13 (P0H.7-5) during reset the on-chip phase locked loop is
enabled and provides the CPU clock (see table above). The PLL multiplies the input frequency by
the factor F which is selected via the combination of pins P0.15-13 (ie. fCPU = fXTAL * F). With every
F’th transition of fXTAL the PLL circuit synchronizes the CPU clock to the input clock. This
synchronization is done smoothely, ie. the CPU clock frequency does not change abruptly.
Due to this adaptation to the input clock the frequency of fCPU is constantly adjusted so it is locked
to fXTAL. The slight variation causes a jitter of fCPU which also effects the duration of individual TCLs.
The timings listed in the AC Characteristics that refer to TCLs therefore must be calculated using the
minimum TCL that is possible under the respective circumstances.
The actual minimum value for TCL depends on the jitter of the PLL. As the PLL is constantly
adjusting its output frequency so it corresponds to the applied input frequency (crystal or oscillator)
the relative deviation for periods of more than one TCL is lower than for one single TCL (see formula
and figure below).
For a period of
N * TCL the minimum value is computed using the corresponding deviation DN:
TCLmin = TCLNOM * (1 - DN / 100)
DN = ±(4 - N /15) [%],
where
N = number of consecutive TCLs
and 1
≤ N ≤ 40.
So for a period of 3 TCLs (ie.
N = 3): D3 = 4 - 3/15 = 3.8%,
and (3TCL)min = 3TCLNOM * (1 - 3.8 / 100) = 3TCLNOM * 0.962 (57.72 nsec @ fCPU = 25 MHz).
This is especially important for bus cycles using waitstates and eg. for the operation of timers, serial
interfaces, etc. For all slower operations and longer periods (eg. pulse train generation or
measurement, lower baudrates, etc.) the deviation caused by the PLL jitter is neglectible.
Figure 10
Approximated Maximum PLL Jitter
32
16
8
4
2
±1
±2
±3
±4
Max.jitter [%]
N
This approximated formula is valid for
1
≤ N ≤ 40 and 10MHz ≤ f
CPU ≤ 25MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com