Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C164CI Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # C164CI
Description  16-bit CMOS Single-Chip Microcontroller
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C164CI Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button C164CI Datasheet HTML 9Page - Infineon Technologies AG C164CI Datasheet HTML 10Page - Infineon Technologies AG C164CI Datasheet HTML 11Page - Infineon Technologies AG C164CI Datasheet HTML 12Page - Infineon Technologies AG C164CI Datasheet HTML 13Page - Infineon Technologies AG C164CI Datasheet HTML 14Page - Infineon Technologies AG C164CI Datasheet HTML 15Page - Infineon Technologies AG C164CI Datasheet HTML 16Page - Infineon Technologies AG C164CI Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 53 page
background image
Semiconductor Group
13
1998-02
C164CI
The CPU disposes of an actual register context consisting of up to 16 wordwide GPRs which are
physically allocated within the on-chip RAM area. A Context Pointer (CP) register determines the
base address of the active register bank to be accessed by the CPU at a time. The number of
register banks is only restricted by the available internal RAM space. For easy parameter passing,
a register bank may overlap others.
A system stack of up to 2048 bytes is provided as a storage for temporary data. The system stack
is allocated in the on-chip RAM area, and it is accessed by the CPU via the stack pointer (SP)
register. Two separate SFRs, STKOV and STKUN, are implicitly compared against the stack
pointer value upon each stack access for the detection of a stack overflow or underflow.
The high performance offered by the hardware implementation of the CPU can efficiently be utilized
by a programmer via the highly efficient C164CI instruction set which includes the following
instruction classes:
– Arithmetic Instructions
– Logical Instructions
– Boolean Bit Manipulation Instructions
– Compare and Loop Control Instructions
– Shift and Rotate Instructions
– Prioritize Instruction
– Data Movement Instructions
– System Stack Instructions
– Jump and Call Instructions
– Return Instructions
– System Control Instructions
– Miscellaneous Instructions
The basic instruction length is either 2 or 4 bytes. Possible operand types are bits, bytes and words.
A variety of direct, indirect or immediate addressing modes are provided to specify the required
operands.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com