Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C164CI Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # C164CI
Description  16-bit CMOS Single-Chip Microcontroller
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C164CI Datasheet(HTML) 2 Page - Infineon Technologies AG

  C164CI Datasheet HTML 1Page - Infineon Technologies AG C164CI Datasheet HTML 2Page - Infineon Technologies AG C164CI Datasheet HTML 3Page - Infineon Technologies AG C164CI Datasheet HTML 4Page - Infineon Technologies AG C164CI Datasheet HTML 5Page - Infineon Technologies AG C164CI Datasheet HTML 6Page - Infineon Technologies AG C164CI Datasheet HTML 7Page - Infineon Technologies AG C164CI Datasheet HTML 8Page - Infineon Technologies AG C164CI Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 53 page
background image
Controller Area Network (CAN): License of Robert Bosch GmbH
C164CI
Revision History:
1998-02 Preliminary
Previous Releases:
04.97 (Advance Information)
Page
Subjects
3, 4
Alternate functions for P5 added.
25...30
Register Table updated.
32, 33
IP6H and IP6L removed.
33, 34
Supply current specification improved.
33, 34
Idle supply current specification
IIDO improved. (Referring to Revision 11.97)
39, 40
ADC specification improved.
49, 50
Description for READY removed.
–
“AC Characteristics Demultiplexed Bus” removed.
–
“AC Characteristics External Bus Arbitration” removed.
Edition 1998-02
Published by Siemens AG,
Bereich Halbleiter, Marketing-
Kommunikation, Balanstraße 73,
81541 München
© Siemens AG 1998.
All Rights Reserved.
Attention please!
As far as patents or other rights of third parties are concerned, liability is only assumed for components, not for applications, processes
and circuits implemented within components or assemblies.
The information describes the type of component and shall not be considered as assured characteristics.
Terms of delivery and rights to change design reserved.
For questions on technology, delivery and prices please contact the Semiconductor Group Offices in Germany or the Siemens Companies
and Representatives worldwide (see address list).
Due to technical requirements components may contain dangerous substances. For information on the types in question please contact
your nearest Siemens Office, Semiconductor Group.
Siemens AG is an approved CECC manufacturer.
Packing
Please use the recycling operators known to you. We can also help you – get in touch with your nearest sales office. By agreement we will
take packing material back, if it is sorted. You must bear the costs of transport.
For packing material that is returned to us unsorted or which we are not obliged to accept, we shall have to invoice you for any costs in-
curred.
Components used in life-support devices or systems must be expressly authorized for such purpose!
Critical components1 of the Semiconductor Group of Siemens AG, may only be used in life-support devices or systems2 with the express
written approval of the Semiconductor Group of Siemens AG.
1 A critical component is a component used in a life-support device or system whose failure can reasonably be expected to cause the
failure of that life-support device or system, or to affect its safety or effectiveness of that device or system.
2 Life support devices or systems are intended (a) to be implanted in the human body, or (b) to support and/or maintain and sustain hu-
man life. If they fail, it is reasonable to assume that the health of the user may be endangered.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com