Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C868 Datasheet(PDF) 32 Page - Infineon Technologies AG

Part # C868
Description  8-Bit Single-Chip Microcontroller
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C868 Datasheet(HTML) 32 Page - Infineon Technologies AG

Back Button C868 Datasheet HTML 28Page - Infineon Technologies AG C868 Datasheet HTML 29Page - Infineon Technologies AG C868 Datasheet HTML 30Page - Infineon Technologies AG C868 Datasheet HTML 31Page - Infineon Technologies AG C868 Datasheet HTML 32Page - Infineon Technologies AG C868 Datasheet HTML 33Page - Infineon Technologies AG C868 Datasheet HTML 34Page - Infineon Technologies AG C868 Datasheet HTML 35Page - Infineon Technologies AG C868 Datasheet HTML 36Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 82 page
background image
C868
Data Sheet
32
V 1.0, 2003-05
B8H
IP0
XX00
0000B
–
–
.5
.4
.3
.2
.1
.0
BBH
PISEL
H
00H
––
ISPOS
2.1
ISPOS
2.0
ISPOS
1.1
ISPOS
1.0
ISPOS
0.1
ISPOS
0.0
BCH3) ISSL
00H
ST12P
M
ST12O
M
SCC62
F
SCC62
R
SCC61
F
SCC61
R
SCC60
F
SCC60
R
BCH2) ISRL
00H
RT12P
M
RT12O
M
RCC6
2F
RCC6
2R
RCC6
1F
RCC6
1R
RCC6
0F
RCC6
0R
BDH3) ISSH
00H
–
SIDLE SWHE SCHE –
STRP
F
ST13P
M
ST13C
M
BDH2) ISRH 00H
–
RIDLE RWHE RCHE –
RTRP
F
RT13P
M
RT13C
M
BEH2) IENL
00H
ENT12
PM
ENT12
OM
ENCC
62F
ENCC
62R
ENCC
61F
ENCC
61R
ENCC
60F
ENCC
60R
BEH3) INPL
00H
INPCH
E.1
INPCH
E.0
INPCC
62.1
INPCC
62.0
INPCC
61.1
INPCC
61.0
INPCC
60.1
INPCC
60.0
BFH2) IENH 00H
–
ENIDL
E
ENWH
E
ENCH
E
–
ENTR
PF
ENT13
PM
ENT13
CM
BFH3) INPH 00H
––
INPT1
3.1
INPT1
3.0
INPT1
2.1
INPT1
2.0
INPER
R.1
INPER
R.0
C0H
SCUW
DT
00H
–
PLLR
–
WDTR WDTE
OI
WDTD
IS
WDTR
S
WDTR
E
C2H
CC60
RL
00H
.7
.6
.5
.4
.3
.2
.1
.0
C3H
CC60
RH
00H
.7
.6
.5
.4
.3
.2
.1
.0
C4H
CC61
RL
00H
.7
.6
.5
.4
.3
.2
.1
.0
C5H
CC61
RH
00H
.7
.6
.5
.4
.3
.2
.1
.0
1) X means that the value is undefined and the location is reserved
2) This register is mapped with RMAP (SYSCON0.4)=0
3) This register is mapped with RMAP (SYSCON0.4)=1
Shaded registers are bit-addressable special function registers
Table 7
Contents of the SFRs, SFRs in numeric order of their addresses
Addr Reg-
ister
Content
after
Reset1)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com