Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C868 Datasheet(PDF) 62 Page - Infineon Technologies AG

Part # C868
Description  8-Bit Single-Chip Microcontroller
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C868 Datasheet(HTML) 62 Page - Infineon Technologies AG

Back Button C868 Datasheet HTML 58Page - Infineon Technologies AG C868 Datasheet HTML 59Page - Infineon Technologies AG C868 Datasheet HTML 60Page - Infineon Technologies AG C868 Datasheet HTML 61Page - Infineon Technologies AG C868 Datasheet HTML 62Page - Infineon Technologies AG C868 Datasheet HTML 63Page - Infineon Technologies AG C868 Datasheet HTML 64Page - Infineon Technologies AG C868 Datasheet HTML 65Page - Infineon Technologies AG C868 Datasheet HTML 66Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 82 page
background image
C868
Data Sheet
62
V 1.0, 2003-05
lf two or more requests of different priority levels are received simultaneously, the
request of the highest priority is serviced first. lf requests of the same priority level are
received simultaneously, an internal polling sequence determines which request is to be
serviced first. Thus, within each priority level there is a second priority structure
determined by the polling sequence. This is illustrated in Table 13
.
Within a column, the topmost interrupt is serviced first, then the second and the third,
when available. The interrupt groups are serviced from left to right of the table. A low-
priority interrupt can itself be interrupted by a higher-priority interrupt, but not by another
interrupt of the same or a lower priority. An interrupt of the highest priority level cannot
be interrupted by another interrupt source.
Table 13
Interrupt Source Structure
Interrupt
Group
Priority Bits
of Interrupt
Group
Interrupt Source Priority
High Priority
Low
Priority
Priority
0
IP0.0
EXINT0
IADC
High
Low
1
IP0.1
TF0
EXINT2
2
IP0.2
EXINT1
EXINT3
INP01)
1) Capture/compare has 10 interrupt sources channeled to the 4 interrupt nodes INP0..3. The 3 capture/
compare ports has 3 pairs of interrupt request flags, ICC60R, ICC60F, ICC61R, ICC61F, ICC62R, ICC62F.
The other flags are T12OM, T12PM, T13CM, T13PM, TRPF, WHE, CHE.
3
IP0.3
TF1
INP11)
4
IP0.4
RI + TI
INP21)
5
IP0.5
TF2
INP31)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com