Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C868 Datasheet(PDF) 39 Page - Infineon Technologies AG

Part # C868
Description  8-Bit Single-Chip Microcontroller
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C868 Datasheet(HTML) 39 Page - Infineon Technologies AG

Back Button C868 Datasheet HTML 35Page - Infineon Technologies AG C868 Datasheet HTML 36Page - Infineon Technologies AG C868 Datasheet HTML 37Page - Infineon Technologies AG C868 Datasheet HTML 38Page - Infineon Technologies AG C868 Datasheet HTML 39Page - Infineon Technologies AG C868 Datasheet HTML 40Page - Infineon Technologies AG C868 Datasheet HTML 41Page - Infineon Technologies AG C868 Datasheet HTML 42Page - Infineon Technologies AG C868 Datasheet HTML 43Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 82 page
background image
C868
Data Sheet
39
V 1.0, 2003-05
Timer/Counter 2 with Compare/Capture/Capture
Timer 2 is a 16-bit timer/counter with an up/down count feature. It has three operating
modes:
• 16-bit auto-reload mode (up or down counting)
• 16-bit capture mode
• Baudrate generator
Note:
denotes a falling edge
Table 9
Timer/Counter 2 Operating Modes
Mode
T2CON
T2MOD T2CON
T2EX Remarks
System
Clock
RCLK
or
TCLK
CP/
RL2
TR2
DCEN
EXEN
Inte-
rnal
T2
16-bit
Auto-
reload
0010
0
X
reload upon
overflow
fSYS
/12
max
fSYS
/24
0
0
X
0
1
reload trigger
(falling edge)
0011
X
0
down counting
0011
X
1
up counting
16-bit
Capture
011X
0
X
16-bit Timer/
Counter (only
up-counting)
fSYS
/12
max
fSYS
/24
011X
1
capture
T2H,T2L->
RC2H,RC2L
Baudrate
Generator
1X
1X
0
X
no overflow
interrupt
request(TF2)
fSYS
/2
-
1X
1X
1
extra external
interrupt
(“Timer 2“)
off
X
X
0
X
X
X
Timer 2 stops
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com