Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STL23NS3LLH7 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STL23NS3LLH7
Description  N-channel 30 V, 0.0027 Ω typ., 23 A STripFET™ H7 Power MOSFET plus monolithic Schottky in a PowerFLAT™ 3.3 x 3.3
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL23NS3LLH7 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STL23NS3LLH7 Datasheet HTML 3Page - STMicroelectronics STL23NS3LLH7 Datasheet HTML 4Page - STMicroelectronics STL23NS3LLH7 Datasheet HTML 5Page - STMicroelectronics STL23NS3LLH7 Datasheet HTML 6Page - STMicroelectronics STL23NS3LLH7 Datasheet HTML 7Page - STMicroelectronics STL23NS3LLH7 Datasheet HTML 8Page - STMicroelectronics STL23NS3LLH7 Datasheet HTML 9Page - STMicroelectronics STL23NS3LLH7 Datasheet HTML 10Page - STMicroelectronics STL23NS3LLH7 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
STL23NS3LLH7
Electrical characteristics
DocID025074 Rev 3
7/14
Figure 8: Capacitance variations
Figure 9: Normalized on-resistance vs temperature
Figure 10: Normalized V(BR)DSS vs temperature
Figure 11: Source-drain diode forward
characteristics
C
1000
100
10
0.1
10
VDS(V)
(pF)
1
Ciss
Coss
Crss
GIPG200220151138MT
GIPG200220151338MT
RDS(on)
1.90
1.30
0.90
0.50
-75
TJ(°C)
(norm)
-25
75
25
0.70
1.10
1.50
1.70
VGS=10V
125
Id=11.5 A
GIPG200220151327MT
V(BR)DSS
-75
TJ(°C)
(norm)
-25
75
25
125
0.94
0.96
0.98
1.00
ID=1m A
1.02
1.04
1.06
GIPG200220151216MT
VSD
0
10
ISD(A)
(V)
20
0.35
0.45
0.55
0.65
TJ=-50°C
TJ=150°C
TJ=25°C
0.75
0.85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com