Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STL23NS3LLH7 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STL23NS3LLH7
Description  N-channel 30 V, 0.0027 Ω typ., 23 A STripFET™ H7 Power MOSFET plus monolithic Schottky in a PowerFLAT™ 3.3 x 3.3
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL23NS3LLH7 Datasheet(HTML) 4 Page - STMicroelectronics

  STL23NS3LLH7 Datasheet HTML 1Page - STMicroelectronics STL23NS3LLH7 Datasheet HTML 2Page - STMicroelectronics STL23NS3LLH7 Datasheet HTML 3Page - STMicroelectronics STL23NS3LLH7 Datasheet HTML 4Page - STMicroelectronics STL23NS3LLH7 Datasheet HTML 5Page - STMicroelectronics STL23NS3LLH7 Datasheet HTML 6Page - STMicroelectronics STL23NS3LLH7 Datasheet HTML 7Page - STMicroelectronics STL23NS3LLH7 Datasheet HTML 8Page - STMicroelectronics STL23NS3LLH7 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Electrical characteristics
STL23NS3LLH7
4/14
DocID025074 Rev 3
2
Electrical characteristics
(TC = 25 °C unless otherwise specified)
Table 4: On /off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
breakdown voltage
ID = 1 mA, VGS = 0 V
30
V
IDSS
Zero gate voltage
drain current
VGS = 0 V
VDS = 24 V
500
µA
IGSS
Gate-body leakage
current
VGS = ± 20 V, VDS = 0 V
±100
nA
VGS(th)
Gate threshold
voltage
VDS = VGS, ID = 1 mA
1.2
2.3
V
RDS(on)
Static drain-source
on-resistance
VGS = 10 V, ID = 11.5 A
0.0027
0.0037
Ω
VGS = 4.5 V, ID = 11.5 A
0.004
0.005
Ω
Table 5: Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Input capacitance
VDS = 15 V, f = 1 MHz,
VGS = 0 V
-
2100
-
pF
Coss
Output capacitance
-
850
-
pF
Crss
Reverse transfer
capacitance
-
60
-
pF
Qg
Total gate charge
VDD = 10 V, ID = 23 A,
VGS = 4.5 V
(see Figure 13: "Gate
charge test circuit")
-
13.7
-
nC
Qgs
Gate-source charge
-
7.5
-
nC
Qgd
Gate-drain charge
-
3.3
-
nC
Table 6: Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on delay time
VDD = 15 V, ID = 11.5 A,
RG = 3 Ω, VGS = 4.5 V
-
10
-
ns
tr
Rise time
-
33
-
ns
td(off)
Turn-off delay time
-
22
-
ns
tf
Fall time
-
7.5
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com