Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STL23NS3LLH7 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STL23NS3LLH7
Description  N-channel 30 V, 0.0027 Ω typ., 23 A STripFET™ H7 Power MOSFET plus monolithic Schottky in a PowerFLAT™ 3.3 x 3.3
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL23NS3LLH7 Datasheet(HTML) 2 Page - STMicroelectronics

  STL23NS3LLH7 Datasheet HTML 1Page - STMicroelectronics STL23NS3LLH7 Datasheet HTML 2Page - STMicroelectronics STL23NS3LLH7 Datasheet HTML 3Page - STMicroelectronics STL23NS3LLH7 Datasheet HTML 4Page - STMicroelectronics STL23NS3LLH7 Datasheet HTML 5Page - STMicroelectronics STL23NS3LLH7 Datasheet HTML 6Page - STMicroelectronics STL23NS3LLH7 Datasheet HTML 7Page - STMicroelectronics STL23NS3LLH7 Datasheet HTML 8Page - STMicroelectronics STL23NS3LLH7 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Contents
STL23NS3LLH7
2/14
DocID025074 Rev 3
Contents
1
Electrical ratings ............................................................................. 3
2
Electrical characteristics ................................................................ 4
2.1
Electrical characteristics (curves)...................................................... 6
3
Test circuits ..................................................................................... 8
4
Package information ....................................................................... 9
4.1
PowerFlat 3.3 x 3.3 package information ........................................ 10
5
Revision history ............................................................................ 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com