Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STTH200W04TV1 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STTH200W04TV1
Description  Turbo 2 ultrafast high voltage rectifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH200W04TV1 Datasheet(HTML) 7 Page - STMicroelectronics

  STTH200W04TV1 Datasheet HTML 1Page - STMicroelectronics STTH200W04TV1 Datasheet HTML 2Page - STMicroelectronics STTH200W04TV1 Datasheet HTML 3Page - STMicroelectronics STTH200W04TV1 Datasheet HTML 4Page - STMicroelectronics STTH200W04TV1 Datasheet HTML 5Page - STMicroelectronics STTH200W04TV1 Datasheet HTML 6Page - STMicroelectronics STTH200W04TV1 Datasheet HTML 7Page - STMicroelectronics STTH200W04TV1 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
STTH200W04TV1
Ordering information
Doc ID 023217 Rev 2
7/8
3
Ordering information
4
Revision history
Table 7.
Ordering information
Order code
Marking
Package
Weight
Base qty(1)
1.
This product is supplied with 40 terminal screws and washers for each tube. The screws and washers are
supplied in a separate pack with the order.
Delivery mode
STTH200W04TV1
STTH200W04TV1
ISOTOP
27 g
without screws
10
with screws
Tube
Table 8.
Document revision history
Date
Revision
Changes
19-Jun-2012
1
First issue.
02-Oct-2012
2
Updated Table 1 and Table 5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com