Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STTH200W04TV1 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STTH200W04TV1
Description  Turbo 2 ultrafast high voltage rectifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH200W04TV1 Datasheet(HTML) 3 Page - STMicroelectronics

  STTH200W04TV1 Datasheet HTML 1Page - STMicroelectronics STTH200W04TV1 Datasheet HTML 2Page - STMicroelectronics STTH200W04TV1 Datasheet HTML 3Page - STMicroelectronics STTH200W04TV1 Datasheet HTML 4Page - STMicroelectronics STTH200W04TV1 Datasheet HTML 5Page - STMicroelectronics STTH200W04TV1 Datasheet HTML 6Page - STMicroelectronics STTH200W04TV1 Datasheet HTML 7Page - STMicroelectronics STTH200W04TV1 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
STTH200W04TV1
Characteristics
Doc ID 023217 Rev 2
3/8
Table 5.
Dynamic electrical characteristics (per diode)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
QRR
Reverse recovery
charge
Tj = 125 °C
IF = 100 A, VR = 320 V
dIF/dt = -200 A/µs
0.9
µC
Sfactor
Softness factor
0.3
IRM
Reverse recovery
current
17
23
A
trr
Reverse recovery
time
Tj = 25 °C
IF = 1 A, VR = 30 V
dIF/dt = -100 A/µs
40
55
ns
tfr
Forward recovery
time
Tj = 25 °C
IF = 100 A, dIF/dt = 100 A/µs
VFR = 2 V
2µs
VFP
Forward recovery
voltage
3.0
4.5
V
Figure 1.
Conduction losses versus
average forward current (per diode)
Figure 2.
Forward voltage drop versus
forward current (per diode)
0
20
40
60
80
100
120
140
160
180
200
0
20
40
60
80
100
120
140
δ=0.05 δ=0.1 δ=0.2
δ=0.5
δ=1
T
δ=tp/T
tp
I F(AV) (A)
PF(AV)(W)
IFM (A )
I
0.1
1.0
10.0
100.0
1000.0
0.0
0.4
0.8
1.2
1.6
2.0
2.4
T
j=25°C
(Maximum values)
T
j=150°C
(Maximum values)
T
j=150°C
(Maximum values)
T
j=150°C
(Typical values)
T
j=150°C
(Typical values)
V FM (V)
Figure 3.
Relative variation of thermal
impedance junction to case versus
pulse duration
Figure 4.
Peak reverse recovery current
versus dIF/dt
(typical values, per diode)
Z
t h (j-c)
/R
th ( j - c )
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
Single pulse
t P (s)
I
RM
(A )
0
5
10
15
20
25
30
35
40
0
50
100
150
200
250
300
350
400
450
500
IF = I F(AV)
VR = 320 V
Tj = 125 °C
dI F /dt(A/µs)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com