Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STTH30AC06C Datasheet(PDF) 7 Page - STMicroelectronics

Part # STTH30AC06C
Description  Turbo 2 ultrafast high voltage rectifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH30AC06C Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STTH30AC06C Datasheet HTML 3Page - STMicroelectronics STTH30AC06C Datasheet HTML 4Page - STMicroelectronics STTH30AC06C Datasheet HTML 5Page - STMicroelectronics STTH30AC06C Datasheet HTML 6Page - STMicroelectronics STTH30AC06C Datasheet HTML 7Page - STMicroelectronics STTH30AC06C Datasheet HTML 8Page - STMicroelectronics STTH30AC06C Datasheet HTML 9Page - STMicroelectronics STTH30AC06C Datasheet HTML 10Page - STMicroelectronics STTH30AC06C Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
DocID025011 Rev3
7/13
STTH30AC06C
Package information
Table 6. TO3P-3L package mechanical data
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
4.6
5
0.18
0.19
A1
1.45
1.5
1.65
0.05
0.06
0.06
A2
1.20
1.40
1.60
0.04
0.05
0.06
b
0.80
1
1.20
0.03
0.04
0.05
b1
1.80
2.20
0.07
0.08
b2
2.80
3.20
0.11
0.12
c
0.55
0.60
0.75
0.02
0.02
0.03
D
19.70
19.90
20.10
0.77
0.78
0.79
D1
13.90
0.54
E
15.40
15.80
0.60
0.62
E1
13.60
0.53
E2
9.60
0.38
e
5.15
5.45
5.75
0.20
0.21
0.22
L
19.50
20
20.50
0.76
0.78
0.80
L1
3.50
0.14
L2
18.20
18.40
18.60
0.71
0.72
0.73
ØP
3.10
3.30
0.12
0.13
Q
5
0.19
Q1
3.80
0.15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com