Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STTH30AC06C Datasheet(PDF) 9 Page - STMicroelectronics

Part # STTH30AC06C
Description  Turbo 2 ultrafast high voltage rectifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH30AC06C Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STTH30AC06C Datasheet HTML 5Page - STMicroelectronics STTH30AC06C Datasheet HTML 6Page - STMicroelectronics STTH30AC06C Datasheet HTML 7Page - STMicroelectronics STTH30AC06C Datasheet HTML 8Page - STMicroelectronics STTH30AC06C Datasheet HTML 9Page - STMicroelectronics STTH30AC06C Datasheet HTML 10Page - STMicroelectronics STTH30AC06C Datasheet HTML 11Page - STMicroelectronics STTH30AC06C Datasheet HTML 12Page - STMicroelectronics STTH30AC06C Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
DocID025011 Rev3
9/13
STTH30AC06C
Package information
Table 7. TO-3PF mechanical data
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
5.30
5.70
0.2
0.22
C
2.80
3.20
0.11
0.12
D
3.10
3.50
0.12
0.13
D1
1.80
2.20
0.07
0.08
E
0.80
1.10
0.03
0.04
F
0.65
0.95
0.025
0.037
F2
1.80
2.20
0.07
0.08
G
10.30
11.50
0.40
0.45
G1
5.45
0.21
H
15.30
15.70
0.60
0.61
L
9.80
10
10.20
0.38
0.39
0.40
L2
22.80
23.20
0.89
0.91
L3
26.30
26.70
1.03
1.05
L4
43.20
44.40
1.70
1.74
L5
4.30
4.70
0.16
1.18
L6
24.30
24.70
0.95
0.97
L7
14.60
15
0.57
0.59
N
1.80
2.20
0.07
0.08
R
3.80
4.20
0.14
0.16
Dia
3.40
3.80
0.13
0.15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com