Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STTH30AC06C Datasheet(PDF) 5 Page - STMicroelectronics

Part # STTH30AC06C
Description  Turbo 2 ultrafast high voltage rectifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH30AC06C Datasheet(HTML) 5 Page - STMicroelectronics

  STTH30AC06C Datasheet HTML 1Page - STMicroelectronics STTH30AC06C Datasheet HTML 2Page - STMicroelectronics STTH30AC06C Datasheet HTML 3Page - STMicroelectronics STTH30AC06C Datasheet HTML 4Page - STMicroelectronics STTH30AC06C Datasheet HTML 5Page - STMicroelectronics STTH30AC06C Datasheet HTML 6Page - STMicroelectronics STTH30AC06C Datasheet HTML 7Page - STMicroelectronics STTH30AC06C Datasheet HTML 8Page - STMicroelectronics STTH30AC06C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
DocID025011 Rev3
5/13
STTH30AC06C
Characteristics
Figure 11. Transient peak forward voltage
versus dIF/dt (typical values, per diode)
Figure 12. Forward recovery time versus dIF/dt
(typical values, per diode)
0
2
4
6
8
100
150
200
250
300
350
400
450
500
dlF/dt(A/µs)
VFP(V)
IF = 15 A
T j = 125°C
0
20
40
60
80
100
120
100
150
200
250
300
350
400
450
500
tFR(ns)
IF = 15 A
VFR= 1.5 V
T j = 125°C
dlF/dt(A/µs)
Figure 13. Junction capacitance versus reverse
voltage applied (typical values, per diode)
10
100
1000
1
10
100
1000
F = 1 MHz
V OSC = 30 mVRMS
T j = 25 °C
V
C(pF)
R(V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com