Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECMF02-2HSMX6 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ECMF02-2HSMX6
Description  ESD protected common mode filter for USB3.0 interface
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ECMF02-2HSMX6 Datasheet(HTML) 1 Page - STMicroelectronics

  ECMF02-2HSMX6 Datasheet HTML 1Page - STMicroelectronics ECMF02-2HSMX6 Datasheet HTML 2Page - STMicroelectronics ECMF02-2HSMX6 Datasheet HTML 3Page - STMicroelectronics ECMF02-2HSMX6 Datasheet HTML 4Page - STMicroelectronics ECMF02-2HSMX6 Datasheet HTML 5Page - STMicroelectronics ECMF02-2HSMX6 Datasheet HTML 6Page - STMicroelectronics ECMF02-2HSMX6 Datasheet HTML 7Page - STMicroelectronics ECMF02-2HSMX6 Datasheet HTML 8Page - STMicroelectronics ECMF02-2HSMX6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
This is information on a product in full production.
August 2014
DocID025079 Rev 2
1/17
ECMF02-2HSMX6
ESD protected common mode filter for USB3.0 interface
Datasheet
- production data
Figure 1. Pin out, top view
Features
• High common mode attenuation:
– -10 dB @ 300 MHz
– -20 dB @ 2.4 and 5 GHz
– -15 dB from 500 MHz to 6 GHz
• Compliant with USB3.0 eye diagram
• Small and thin package 1.5 x 1.7 x 0.5 mm
• RoHS compliant.
• High reduction of parasitic elements through
integration.
• ESD protection compliant with IEC 61000-4-2
level 4 standards (8 kV contact)
Benefits
• Suppress the common mode noise but keep
signal integrity
• Low PCB space consumption.
• Save components count
• Make the application robust against ESD
strikes from external environment
Description
The ECMF02-2HSMX6 is a highly integrated
common mode filter designed to suppress
EMI/RFI common mode noise on high speed
differential serial buses like the USB3.0
transceiver.
Applications
Consumer and computer electronics featuring
USB3.0 such as:
• Personal computer
• Notebook
• Tablet
• Set-top boxes
• PC graphic cards
• Telecom application
µQFN-6L 1.7 x 1.5 mm
1
2
3
6
5
4
D+ connector
D- connector
GND
To be left floating
D+ IC
D- IC
www.st.com


Similar Part No. - ECMF02-2HSMX6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ECMF02-2AMX6 STMICROELECTRONICS-ECMF02-2AMX6 Datasheet
387Kb / 15P
Common mode filter with ESD protection for USB 2.0 and MIPI D-PHY/MDDI interface
28-Jun-2011
ECMF02-2BF3 STMICROELECTRONICS-ECMF02-2BF3 Datasheet
49Kb / 3P
Dual line IPAD?? common mode filter with ESD protection for high speed serial interface
01-Feb-2012
More results

Similar Description - ECMF02-2HSMX6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ECMF02-4CMX8 STMICROELECTRONICS-ECMF02-4CMX8 Datasheet
410Kb / 16P
Common mode filter with ESD protection for USB 2.0 Interface
19-Sep-2012
ECMF04-4HSM10 STMICROELECTRONICS-ECMF04-4HSM10 Datasheet
483Kb / 13P
Common mode filter with ESD protection for high speed serial interface
25-Aug-2014
ECMF2-0730V12M12 STMICROELECTRONICS-ECMF2-0730V12M12 Datasheet
533Kb / 14P
Common mode filter with ESD protection for USB2.0 interface
01-Mar-2016
ECMF4-20A42N10 STMICROELECTRONICS-ECMF4-20A42N10 Datasheet
656Kb / 13P
Common mode filter with ESD protection for high speed serial interface
16-May-2016
ECMF4-2450A17M10 STMICROELECTRONICS-ECMF4-2450A17M10 Datasheet
820Kb / 13P
Common mode filter with ESD protection for high speed serial interface
November 2016 Rev 1
ECMF06-6HSM16 STMICROELECTRONICS-ECMF06-6HSM16 Datasheet
532Kb / 13P
Common mode filter with ESD protection for high speed serial interface
August 2014 Rev 2
logo
Moda-InnoChips Co., Ltd...
ICMEF112P900MFR ICT-ICMEF112P900MFR Datasheet
490Kb / 4P
COMMON MODE ESD FILTER
logo
STMicroelectronics
ECMF04-4HSM10 STMICROELECTRONICS-ECMF04-4HSM10_V01 Datasheet
2Mb / 14P
Common mode filter with ESD protection for high speed serial interface
09-Nov-2020
ECMF4-2450A60N10 STMICROELECTRONICS-ECMF4-2450A60N10 Datasheet
4Mb / 14P
Common mode filter with ESD protection for high speed serial interface
02-Jun-2021
ECMF2-40A100N6 STMICROELECTRONICS-ECMF2-40A100N6 Datasheet
6Mb / 17P
Common mode filter with ESD protection for high speed serial interface
27-Sep-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com