Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECMF02-2HSMX6 Datasheet(PDF) 5 Page - STMicroelectronics

Part # ECMF02-2HSMX6
Description  ESD protected common mode filter for USB3.0 interface
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ECMF02-2HSMX6 Datasheet(HTML) 5 Page - STMicroelectronics

  ECMF02-2HSMX6 Datasheet HTML 1Page - STMicroelectronics ECMF02-2HSMX6 Datasheet HTML 2Page - STMicroelectronics ECMF02-2HSMX6 Datasheet HTML 3Page - STMicroelectronics ECMF02-2HSMX6 Datasheet HTML 4Page - STMicroelectronics ECMF02-2HSMX6 Datasheet HTML 5Page - STMicroelectronics ECMF02-2HSMX6 Datasheet HTML 6Page - STMicroelectronics ECMF02-2HSMX6 Datasheet HTML 7Page - STMicroelectronics ECMF02-2HSMX6 Datasheet HTML 8Page - STMicroelectronics ECMF02-2HSMX6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
DocID025079 Rev 2
5/17
ECMF02-2HSMX6
Electrical characteristics
17
Figure 5 shows that USB3.0 devices and cables can interfere with radio frequency devices
operating between 700 MHz and 5 GHz.
Figure 5. USB3.0 frequency radiation measured with current loop
Figure 6. Differential attenuation versus frequency
-100
-95
-90
-85
-80
-75
-70
0
0,5
1
1,5
2
2,5
3
3,5
4
4,5
5
5,5
6
Frequency (GHz)
Skew
dB
10M
30M
100M
300M
1G
3G
-5
-4
-3
-2
-1
0
SDD21 (dB)
F0 @-3 dB = 3.2 GHz
F (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com