Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECMF02-2HSMX6 Datasheet(PDF) 4 Page - STMicroelectronics

Part # ECMF02-2HSMX6
Description  ESD protected common mode filter for USB3.0 interface
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ECMF02-2HSMX6 Datasheet(HTML) 4 Page - STMicroelectronics

  ECMF02-2HSMX6 Datasheet HTML 1Page - STMicroelectronics ECMF02-2HSMX6 Datasheet HTML 2Page - STMicroelectronics ECMF02-2HSMX6 Datasheet HTML 3Page - STMicroelectronics ECMF02-2HSMX6 Datasheet HTML 4Page - STMicroelectronics ECMF02-2HSMX6 Datasheet HTML 5Page - STMicroelectronics ECMF02-2HSMX6 Datasheet HTML 6Page - STMicroelectronics ECMF02-2HSMX6 Datasheet HTML 7Page - STMicroelectronics ECMF02-2HSMX6 Datasheet HTML 8Page - STMicroelectronics ECMF02-2HSMX6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Electrical characteristics
ECMF02-2HSMX6
4/17
DocID025079 Rev 2
2
Electrical characteristics
Figure 4. Electrical characteristics (definitions)
Table 1. Absolute maximum ratings (limiting values)
Symbol
Parameter
Test conditions
Value.
Unit
VPP
ESD discharge (pins 1 and 2)
IEC 61000-4-2 level 4
Contact discharge
±8
kV
Air discharge
±15
kV
IDC
Maximum DC current
100
mA
TOP
Operating temperature range
-40 to 85
°C
TJ
Maximum junction temperature
125
°C
Tstg
Storage temperature range
-55 to +150
°C
Table 2. Electrical characteristics (Tamb = 25 °C)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VBR
Breakdown voltage
IR = 1 mA
6
V
IRM
Reverse leakage
VRM = 3 V
100
nA
RDC
DC serial resistance
7
9
Ω
Symbol
Parameter
V
=
Breakdown voltage
I
=
Leakage current @ V
V
=
Stand-off voltage
V
=
Clamping voltage at I
PP
I
=
Peak pulse current
BR
RM
RM
RM
CL
PP
V
I
VCL
VBR VRM
IF
VF
I
I
RM
R
IPP
I
=
Forward current
F
V
=
Forward voltage
F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com