Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM6DS3H Datasheet(PDF) 79 Page - STMicroelectronics

Part # LSM6DS3H
Description  always-on 3D accelerometer and 3D gyroscope
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DS3H Datasheet(HTML) 79 Page - STMicroelectronics

Back Button LSM6DS3H Datasheet HTML 75Page - STMicroelectronics LSM6DS3H Datasheet HTML 76Page - STMicroelectronics LSM6DS3H Datasheet HTML 77Page - STMicroelectronics LSM6DS3H Datasheet HTML 78Page - STMicroelectronics LSM6DS3H Datasheet HTML 79Page - STMicroelectronics LSM6DS3H Datasheet HTML 80Page - STMicroelectronics LSM6DS3H Datasheet HTML 81Page - STMicroelectronics LSM6DS3H Datasheet HTML 82Page - STMicroelectronics LSM6DS3H Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 104 page
background image
DocID028370 Rev 4
79/104
LSM6DS3H
Register description
104
9.69
SENSORHUB17_REG (51h)
Seventeenth byte associated to external sensors. The content of the register is consistent
with the SLAVEx_CONFIG number of read operation configurations (for external sensors
from x = 0 to x = 3).
9.70
SENSORHUB18_REG (52h)
E
ighteenth byte associated to external sensors. The content of the register is consistent with
the SLAVEx_CONFIG number of read operation configurations (for external sensors from
x = 0 to x = 3).
9.71
FUNC_SRC (53h)
Significant motion, tilt, step detector, hard/soft-iron and sensor hub interrupt source register
(r).
Table 171. SENSORHUB17_REG register
SHub17_7 SHub17_6 SHub17_5 SHub17_4 SHub17_3 SHub17_2 SHub17_1 SHub17_0
Table 172. SENSORHUB17_REG register description
SHub17_[7:0]
Seventeenth byte associated to external sensors
Table 173. SENSORHUB18_REG register
SHub18_7 SHub18_6 SHub18_5 SHub18_4 SHub18_3 SHub18_2 SHub18_1 SHub18_0
Table 174. SENSORHUB18_REG register description
SHub18_[7:0]
Eighteenth byte associated to external sensors
Table 175. FUNC_SRC register
STEP_COU
NT_DELTA_
IA
SIGN_
MOTION_IA
TILT_IA
STEP_
DETECTED
STEP_
OVERFLOW
0(1)
1. This bit must be set to ‘0’ for the correct operation of the device.
SI_END_
OP
SENSOR
HUB_
END_OP
Table 176. FUNC_SRC register description
STEP_COUNT
_DELTA_IA
Pedometer step recognition on delta time status. Default value: 0
(0: no step recognized during delta time; 1: at least one step recognized during
delta time)
SIGN_
MOTION_IA
Significant motion event detection status. Default value: 0
(0: significant motion event not detected; 1: significant motion event detected)
TILT_IA
Tilt event detection status. Default value: 0
(0: tilt event not detected; 1: tilt event detected)
STEP_
DETECTED
Step detector event detection status. Default value: 0
(0: step detector event not detected; 1: step detector event detected)
STEP_
OVERFLOW
Step counter overflow status. Default value: 0
(0: step counter value < 216; 1: step counter value reached 216)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com