Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM6DS3H Datasheet(PDF) 21 Page - STMicroelectronics

Part # LSM6DS3H
Description  always-on 3D accelerometer and 3D gyroscope
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DS3H Datasheet(HTML) 21 Page - STMicroelectronics

Back Button LSM6DS3H Datasheet HTML 17Page - STMicroelectronics LSM6DS3H Datasheet HTML 18Page - STMicroelectronics LSM6DS3H Datasheet HTML 19Page - STMicroelectronics LSM6DS3H Datasheet HTML 20Page - STMicroelectronics LSM6DS3H Datasheet HTML 21Page - STMicroelectronics LSM6DS3H Datasheet HTML 22Page - STMicroelectronics LSM6DS3H Datasheet HTML 23Page - STMicroelectronics LSM6DS3H Datasheet HTML 24Page - STMicroelectronics LSM6DS3H Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 104 page
background image
DocID028370 Rev 4
21/104
LSM6DS3H
Module specifications
104
Rn
Rate noise density
in high-performance mode(5)
6
mdps/
Hz
RnRMS
Gyroscope RMS noise
in low-power mode(6)
120
mdps
An
Acceleration noise density
in high-performance mode(7)
FS= ±2 g
90
μg/
Hz
FS= ±4 g
90
μg/
Hz
FS= ±8 g
110
μg/
Hz
FS= ±16 g
180
μg/
Hz
RMS
Acceleration RMS noise
in normal/low-power mode(8)
FS= ±2 g
1.7
mg(RMS)
FS= ±4 g
2.0
mg(RMS)
FS= ±8 g
2.7
mg(RMS)
FS= ±16 g
4.4
mg(RMS)
LA_ODR
Linear acceleration output data
rate
12.5
26
52
104
208
416
833
1666
3332
6664
Hz
G_ODR Angular rate output data rate
12.5
26
52
104
208
416
833
1666
3332(9)
Vst
Linear acceleration
self-test output change(10)(11)
FS = 2 g
90
1700
mg
Angular rate
self-test output change(12)(13)
FS = 2000 dps
150
700
dps
Top
Operating temperature range
-40
+85
°C
1. Typical specifications are not guaranteed.
2. Linear acceleration sensitivity after factory calibration test and trimming.
3. Angular rate sensitivity after factory calibration test and trimming.
4. Values after soldering.
5. RND (rate noise density) mode is independent of the ODR and FS setting.
Table 3. Mechanical characteristics (continued)
Symbol
Parameter
Test conditions
Min.
Typ.(1)
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com