Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM6DS3H Datasheet(PDF) 20 Page - STMicroelectronics

Part # LSM6DS3H
Description  always-on 3D accelerometer and 3D gyroscope
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DS3H Datasheet(HTML) 20 Page - STMicroelectronics

Back Button LSM6DS3H Datasheet HTML 16Page - STMicroelectronics LSM6DS3H Datasheet HTML 17Page - STMicroelectronics LSM6DS3H Datasheet HTML 18Page - STMicroelectronics LSM6DS3H Datasheet HTML 19Page - STMicroelectronics LSM6DS3H Datasheet HTML 20Page - STMicroelectronics LSM6DS3H Datasheet HTML 21Page - STMicroelectronics LSM6DS3H Datasheet HTML 22Page - STMicroelectronics LSM6DS3H Datasheet HTML 23Page - STMicroelectronics LSM6DS3H Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 104 page
background image
Module specifications
LSM6DS3H
20/104
DocID028370 Rev 4
4
Module specifications
4.1
Mechanical characteristics
@ Vdd = 1.8 V, T = 25 °C unless otherwise noted.
Table 3. Mechanical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.(1)
Max.
Unit
LA_FS
Linear acceleration measurement
range
±2
g
±4
±8
±16
G_FS
Angular rate
measurement range
±125
dps
±245
±500
±1000
±2000
LA_So
Linear acceleration sensitivity(2)
FS = ±2
0.061
mg/LSB
FS = ±4
0.122
FS = ±8
0.244
FS = ±16
0.488
G_So
Angular rate sensitivity(3)
FS = ±125
4.375
mdps/LSB
FS = ±245
8.75
FS = ±500
17.50
FS = ±1000
35
FS = ±2000
70
LA_SoDr
Linear acceleration sensitivity
change vs. temperature
from -40° to +85°
delta from T=25°
±1
%
G_SoDr
Angular rate sensitivity change
vs. temperature
from -40° to +85°
delta from T=25°
±1.5
%
LA_TyOff
Linear acceleration typical zero-g
level offset accuracy(4)
±40
mg
G_TyOff
Angular rate typical zero-rate
level(4)
±10
dps
LA_OffDr
Linear acceleration zero-g level
change vs. temperature
±0.5
mg/ °C
G_OffDr
Angular rate typical zero-rate
level change vs. temperature
±0.05
dps/°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com