Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGIPS15C60T-H Datasheet(PDF) 9 Page - STMicroelectronics

Part # STGIPS15C60T-H
Description  3-phase inverters for motor drives
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIPS15C60T-H Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STGIPS15C60T-H Datasheet HTML 5Page - STMicroelectronics STGIPS15C60T-H Datasheet HTML 6Page - STMicroelectronics STGIPS15C60T-H Datasheet HTML 7Page - STMicroelectronics STGIPS15C60T-H Datasheet HTML 8Page - STMicroelectronics STGIPS15C60T-H Datasheet HTML 9Page - STMicroelectronics STGIPS15C60T-H Datasheet HTML 10Page - STMicroelectronics STGIPS15C60T-H Datasheet HTML 11Page - STMicroelectronics STGIPS15C60T-H Datasheet HTML 12Page - STMicroelectronics STGIPS15C60T-H Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
DocID026323 Rev 2
9/19
STGIPS15C60T-H
Electrical characteristics
19
3.1
Control part
Table 8. Low voltage power supply (VCC = 15 V unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VCC_hys
VCC UV hysteresis
1.2
1.5
1.8
V
VCC_thON
VCC UV turn ON threshold
11.5
12
12.5
V
VCC_thOFF VCC UV turn OFF threshold
10
10.5
11
V
Iqccu
Undervoltage quiescent
supply current
VCC = 10 V
SD = 5 V; LIN = HIN = 0
450
µA
Iqcc
Quiescent current
VCC = 15 V
SD = 5 V; LIN = HIN = 0
3.5
mA
Table 9. Bootstrapped voltage (VCC = 15 V unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VBS_hys
VBS UV hysteresis
1.2
1.5
1.8
V
VBS_thON
VBS UV turn ON threshold
11.1
11.5
12.1
V
VBS_thOFF
VBS UV turn OFF threshold
9.8
10
10.6
V
IQBSU
Undervoltage VBS quiescent
current
VBS < 9 V
SD = 5 V; LIN = 0; HIN = 5 V
70
110
µA
IQBS
VBS quiescent current
VBS = 15 V
SD = 5 V; LIN = 0; HIN = 5 V
200
300
µA
RDS(on)
Bootstrap driver on resistance
LIN= 5 V; HIN= 0 V
120
Ω
Table 10. Logic inputs (VCC = 15 V unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Vil
Low level logic threshold
voltage
0.8
1.1
V
Vih
High level logic threshold
voltage
1.9
2.25
V
IHINh
HIN logic “1” input bias current
HIN = 15 V
20
40
100
µA
IHINI
HIN logic “0” input bias current
HIN = 0 V
1
µA
ILINh
LIN logic “1” input bias current
LIN = 15 V
20
40
100
µA
ILINI
LIN logic “0” input bias current
LIN = 0V
1
µA
ISDh
SD logic “0” input bias current
SD = 15 V
30
120
300
µA
ISDl
SD logic “1” input bias current
SD = 0 V
3
µA
Dt
Dead time
see Figure 7 and Table 14
1.2
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com