Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGIPS15C60T-H Datasheet(PDF) 11 Page - STMicroelectronics

Part # STGIPS15C60T-H
Description  3-phase inverters for motor drives
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIPS15C60T-H Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STGIPS15C60T-H Datasheet HTML 7Page - STMicroelectronics STGIPS15C60T-H Datasheet HTML 8Page - STMicroelectronics STGIPS15C60T-H Datasheet HTML 9Page - STMicroelectronics STGIPS15C60T-H Datasheet HTML 10Page - STMicroelectronics STGIPS15C60T-H Datasheet HTML 11Page - STMicroelectronics STGIPS15C60T-H Datasheet HTML 12Page - STMicroelectronics STGIPS15C60T-H Datasheet HTML 13Page - STMicroelectronics STGIPS15C60T-H Datasheet HTML 14Page - STMicroelectronics STGIPS15C60T-H Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
DocID026323 Rev 2
11/19
STGIPS15C60T-H
Electrical characteristics
19
3.1.1
NTC thermistor
Equation 1: resistance variation vs. temperature
Where T are temperatures in Kelvins
Figure 5. NTC resistance vs. temperature
Figure 6. NTC resistance vs. temperature (zoom)
Table 13. NTC thermistor
Symbol
Parameter
Test conditions
Min.
Typ. Max. Unit.
R25
Resistance
T = 25°C
4.7
k
Ω
R125
Resistance
T = 125°C
160
Ω
B
B-constant
T = 25°C to 85°C
3950
K
T
Operating temperature
-40
150
°C
RT
()
R
25
e
B
1
T
---
1
298
----------
–


⋅
=
AM16299v1
0
20
40
60
80
100
120
140
160
180
-40 -30 -20 -10 0 10 20 30 40 50 60 70 80 90 100 110 120 130 140 (°C)
NTC [kΩ]
MIN.
MAX.
CENTER
AM17098v1
(°C)
NTC [kΩ]
0.000
0.200
0.400
0.600
0.800
1.000
1.200
1.400
1.600
1.800
50 55 60 65 70 75 80 85 90 95 100 105 110 115 120 125 130 135 140 145
MIN.
MAX.
CENTER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com