Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGIPS15C60T-H Datasheet(PDF) 5 Page - STMicroelectronics

Part # STGIPS15C60T-H
Description  3-phase inverters for motor drives
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIPS15C60T-H Datasheet(HTML) 5 Page - STMicroelectronics

  STGIPS15C60T-H Datasheet HTML 1Page - STMicroelectronics STGIPS15C60T-H Datasheet HTML 2Page - STMicroelectronics STGIPS15C60T-H Datasheet HTML 3Page - STMicroelectronics STGIPS15C60T-H Datasheet HTML 4Page - STMicroelectronics STGIPS15C60T-H Datasheet HTML 5Page - STMicroelectronics STGIPS15C60T-H Datasheet HTML 6Page - STMicroelectronics STGIPS15C60T-H Datasheet HTML 7Page - STMicroelectronics STGIPS15C60T-H Datasheet HTML 8Page - STMicroelectronics STGIPS15C60T-H Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
DocID026323 Rev 2
5/19
STGIPS15C60T-H
Electrical ratings
19
2
Electrical ratings
2.1
Absolute maximum ratings
Table 3. Inverter part
Symbol
Parameter
Value
Unit
VPN
Supply voltage applied between P - NU, NV, NW
450
V
VPN(surge)
Supply voltage (surge) applied between P - NU,
NV, NW
500
V
VCES
Each IGBT collector emitter voltage (VIN
(1) = 0 V)
1.
Applied between HINi, LINi and GND for i = U, V, W
600
V
± IC
Each IGBT continuous collector current
at TC = 25°C
15
A
± ICP
(2)
2.
Pulse width limited by max junction temperature
Each IGBT pulsed collector current
30
A
PTOT
Each IGBT total dissipation at TC = 25°C
42
W
tscw
Short circuit withstand time, VCE = 0.5 V(BR)CES
TJ = 125 °C, VCC = Vboot = 15 V, VIN
(1)= 0 - 5 V
5µs
Table 4. Control part
Symbol
Parameter
Value
Unit
VOUT
Output voltage applied between
OUTU, OUTV, OUTW - GND
Vboot - 21 to Vboot + 0.3
V
VCC
Low voltage power supply
- 0.3 to +21
V
Vboot
Bootstrap voltage applied between
Vboot i - OUTi for i = U, V, W
- 0.3 to 620
V
VIN
Logic input voltage applied between HIN, LIN and
GND
- 0.3 to 15
V
VSD
Open drain voltage
- 0.3 to 15
V
dVOUT/dt Allowed output slew rate
50
V/ns
Table 5. Total system
Symbol
Parameter
Value
Unit
VISO
Isolation withstand voltage applied between each
pin and heatsink plate (AC voltage, t = 60 s)
2500
V
Tj
Power chips operating junction temperature
- 40 to 150
°C
TC
Module case operation temperature
- 40 to 125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com