Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT8941A Datasheet(PDF) 29 Page - Active-Semi, Inc

Part # ACT8941A
Description  Advanced PMU for Rockchip RK2906/RK2918 Processor
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8941A Datasheet(HTML) 29 Page - Active-Semi, Inc

Back Button ACT8941A Datasheet HTML 25Page - Active-Semi, Inc ACT8941A Datasheet HTML 26Page - Active-Semi, Inc ACT8941A Datasheet HTML 27Page - Active-Semi, Inc ACT8941A Datasheet HTML 28Page - Active-Semi, Inc ACT8941A Datasheet HTML 29Page - Active-Semi, Inc ACT8941A Datasheet HTML 30Page - Active-Semi, Inc ACT8941A Datasheet HTML 31Page - Active-Semi, Inc ACT8941A Datasheet HTML 32Page - Active-Semi, Inc ACT8941A Datasheet HTML 33Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
ACT8941A
Rev 0, 12-Mar-13
- 29 -
www.active-semi.com
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I2CTM is a trademark of NXP.
Copyright © 2013 Active-Semi, Inc.
Innovative PowerTM
Active-Semi Proprietary―For Authorized Recipients and Customers
I2C Interface
The ACT8941A features an I2C interface that allows
advanced programming capability to enhance overall
system performance. To ensure compatibility with a
wide range of system processors, the I2C interface
supports clock speeds of up to 400kHz (“Fast-Mode”
operation) and uses standard I2C commands. I2C
write-byte commands are used to program the
ACT8941A, and I2C read-byte commands are used
to read the ACT8941A’s internal registers. The
ACT8941A always operates as a slave device, and
is addressed using a 7-bit slave address followed by
an eighth bit, which indicates whether the transaction
is a read-operation or a write-operation, [1011011x].
SDA is a bi-directional data line and SCL is a clock
input. The master device initiates a transaction by
issuing a START condition, defined by SDA
transitioning from high to low while SCL is high. Data
is transferred in 8-bit packets, beginning with the
MSB, and is clocked-in on the rising edge of SCL.
Each packet of data is followed by an “Acknowledge”
(ACK) bit, used to confirm that the data was
transmitted successfully.
For more information regarding the I2C 2-wire serial
interface,
go
to
the
NXP
website:
http://www.nxp.com.
Voltage Monitor and Interrupt
Programmable System Voltage Monitor
The ACT8941A features a programmable system-
voltage monitor, which monitors the voltage at VSYS
and compares it to a programmable threshold
voltage. The programmable voltage threshold is
programmed by SYSLEV[3:0], as shown in Table 5.
SYSLEV[ ] is set to 3.0V by default. There is a
200mV rising hysteresis on SYSLEV[ ] threshold
such that VVSYS needs to be 3.2V(typ) or higher in
order to power up the IC.
The nSYSSTAT[-] bit reflects the output of an
internal voltage comparator that monitors VVSYS
relative to the SYSLEV[-] voltage threshold, the
value of nSYSTAT[-] = 1 when VVSYS is lower than
the SYSLEV[-] voltage threshold, and nSYSTAT[-] =
0 when VVSYS is higher than the SYSLEV[-] voltage
threshold. Note that the SYSLEV[-] voltage threshold
is defined for falling voltages, and that the
comparator produces about 200mV of hysteresis at
VSYS. As a result, once VVSYS falls below the
SYSLEV threshold, its voltage must increase by
more than about 200mV to clear that condition.
After the IC is powered up, the ACT8941A responds
in one of two ways when the voltage at VSYS falls
below the SYSLEV[-] voltage threshold:
1) If nSYSMODE[-] = 1 (default case), when system
voltage
level
interrupt
is
unmasked
(nSYSLEVMSK[ ]=1) and VVSYS falls below the
programmable threshold, the ACT8941A asserts
nIRQ, providing a software “under-voltage alarm”.
The response to this interrupt is controlled by the
CPU, but will typically initiate a controlled shutdown
sequence either or alert the user that the battery is
low. In this case the interrupt is cleared when VVSYS
rises up again above the SYSLEV rising threshold
and nSYSSTAT[-] is read via I2C.
2) If nSYSMODE[-] = 0, when VVSYS falls below the
programmable threshold the ACT8941A shuts down,
immediately disabling all regulators. This option is
useful for implementing a programmable “under-
voltage lockout” function that forces the system off
when the battery voltage falls below the SYSLEV
threshold voltage. Since this option does not support
a controlled shutdown sequence, it is generally used
as a "fail-safe" to shut the system down when the
battery voltage is too low.
Table 5:
SYSLEV Falling Threshold
Precision Voltage Detector
The LBI input connects to one input of a precision
voltage comparator, which can be used to monitor a
system voltage such as the battery voltage. An
external resistive-divider network can be used to set
voltage
monitoring
thresholds,
as
shown
in
Functional Block Diagram
. The output of the
comparator is present at the nLBO open-drain
output.
SYSLEV[3:0]
SYSLEV Falling Threshold
(Hysteresis = 200mV)
0000
2.3
0001
2.4
0010
2.5
0011
2.6
0100
2.7
0101
2.8
0110
2.9
0111
3.0
1000
3.1
1001
3.2
1010
3.3
1011
3.4
1100
3.5
1101
3.6
1110
3.7
1111
3.8
FUNCTIONAL DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com