Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STW88N65M5-4 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STW88N65M5-4
Description  Excellent switching performance thanks to the extra driving source pin
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW88N65M5-4 Datasheet(HTML) 1 Page - STMicroelectronics

  STW88N65M5-4 Datasheet HTML 1Page - STMicroelectronics STW88N65M5-4 Datasheet HTML 2Page - STMicroelectronics STW88N65M5-4 Datasheet HTML 3Page - STMicroelectronics STW88N65M5-4 Datasheet HTML 4Page - STMicroelectronics STW88N65M5-4 Datasheet HTML 5Page - STMicroelectronics STW88N65M5-4 Datasheet HTML 6Page - STMicroelectronics STW88N65M5-4 Datasheet HTML 7Page - STMicroelectronics STW88N65M5-4 Datasheet HTML 8Page - STMicroelectronics STW88N65M5-4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
This is information on a product in full production.
October 2015
Doc ID 027754 Rev 1
1/13
STW88N65M5-4
N-channel 650 V, 0.024
Ω typ., 84 A, MDmesh™ M5
Power MOSFET in a TO247-4 package
Datasheet — production data
Figure 1. Internal schematic diagram
Features
• Higher VDS rating
• Higher dv/dt capability
• Excellent switching performance thanks to the
extra driving source pin
• Easy to drive
• 100% avalanche tested
Applications
• High efficiency switching applications:
–Servers
–PV inverters
– Telecom infrastructure
– Multi kW battery chargers
Description
This device is an N-channel Power MOSFET
based on MDmesh™ M5 innovative vertical
process technology combined with the well-
known PowerMESH™ horizontal layout. The
resulting product offers extremely low on-
resistance, making it particularly suitable for
applications requiring high power and superior
efficiency.
TO247-4
1
2
3
4
Order code
VDS
@Tjmax.
RDS(on) max.
ID
STW88N65M5-4
710 V
0.029
Ω
84 A
Table 1. Device summary
Order code
Marking
Package
Packing
STW88N65M5-4
88N65M5
TO247-4
Tube
www.st.com


Similar Part No. - STW88N65M5-4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW88N65M5 STMICROELECTRONICS-STW88N65M5 Datasheet
1Mb / 15P
N-channel 650 V, 0.024 廓 typ., 84 A, MDmesh??V Power MOSFET in TO-247 and TO-247 long leads packages
30-Nov-2012
logo
Inchange Semiconductor ...
STW88N65M5 ISC-STW88N65M5 Datasheet
351Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STW88N65M5-4

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SF2111A RFM-SF2111A Datasheet
437Kb / 4P
Excellent Size-to-Performance Ratio
SF2140A RFM-SF2140A Datasheet
97Kb / 5P
Excellent Size-to-Performance Ratio
logo
STMicroelectronics
AN2823 STMICROELECTRONICS-AN2823 Datasheet
1Mb / 33P
Current source for LED driving based on the L5973AD
11-Aug-2009
STB46N30M5 STMICROELECTRONICS-STB46N30M5 Datasheet
1Mb / 17P
Excellent switching performance
11-Apr-2014
STL19N65M5 STMICROELECTRONICS-STL19N65M5 Datasheet
1Mb / 17P
Excellent switching performance
July 2013 Rev 1
STW78N65M5 STMICROELECTRONICS-STW78N65M5 Datasheet
959Kb / 14P
Excellent switching performance
08-Aug-2013
STB15N65M5 STMICROELECTRONICS-STB15N65M5 Datasheet
1Mb / 19P
Excellent switching performance
09-Nov-2012
STL17N65M5 STMICROELECTRONICS-STL17N65M5 Datasheet
1Mb / 16P
Excellent switching performance
17-Jul-2013
logo
PHOENIX CONTACT
2702480 PHOENIX-2702480 Datasheet
70Kb / 4P
Space saving, thanks to the small diameter
2702491 PHOENIX-2702491 Datasheet
68Kb / 3P
Space saving, thanks to the low height
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com