Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STW88N65M5-4 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STW88N65M5-4
Description  Excellent switching performance thanks to the extra driving source pin
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW88N65M5-4 Datasheet(HTML) 5 Page - STMicroelectronics

  STW88N65M5-4 Datasheet HTML 1Page - STMicroelectronics STW88N65M5-4 Datasheet HTML 2Page - STMicroelectronics STW88N65M5-4 Datasheet HTML 3Page - STMicroelectronics STW88N65M5-4 Datasheet HTML 4Page - STMicroelectronics STW88N65M5-4 Datasheet HTML 5Page - STMicroelectronics STW88N65M5-4 Datasheet HTML 6Page - STMicroelectronics STW88N65M5-4 Datasheet HTML 7Page - STMicroelectronics STW88N65M5-4 Datasheet HTML 8Page - STMicroelectronics STW88N65M5-4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Doc ID 027754 Rev 1
5/13
STW88N65M5-4
Electrical characteristics
13
Table 6. Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(V)
Voltage delay time
VDD = 400 V, ID = 56 A
RG = 7.2 Ω VGS = 10 V
(see Figure 17 and 20)
-
150
-
ns
tr(V)
Voltage rise time
-
19
-
tf(i)
Current fall time
-
24
-
tc(off)
Crossing time
-
45
-
Table 7. Source-drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ISD
Source-drain current
-
84
A
ISDM
(1)
1.
Pulse width limited by safe operating area.
Source-drain current (pulsed)
-
336
A
VSD
(2)
2.
Pulsed: pulse duration = 300 µs, duty cycle 1.5%.
Forward on voltage
ISD = 84 A, VGS = 0
-
1.5
V
trr
Reverse recovery time
ISD = 84 A,
di/dt = 100 A/µs
VDD = 100 V (see Figure 17)
-
544
ns
Qrr
Reverse recovery charge
-
14
µC
IRRM
Reverse recovery current
-
50
A
trr
Reverse recovery time
ISD = 84 A,
di/dt = 100 A/µs
VDD = 100 V, Tj = 150 °C
(see Figure 17)
-
660
ns
Qrr
Reverse recovery charge
-
20
µC
IRRM
Reverse recovery current
-
60
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com