Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSF0101 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LSF0101
Description  Channel Bidirectional Multi-Voltage Level Translator
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LSF0101 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LSF0101 Datasheet HTML 13Page - Texas Instruments LSF0101 Datasheet HTML 14Page - Texas Instruments LSF0101 Datasheet HTML 15Page - Texas Instruments LSF0101 Datasheet HTML 16Page - Texas Instruments LSF0101 Datasheet HTML 17Page - Texas Instruments LSF0101 Datasheet HTML 18Page - Texas Instruments LSF0101 Datasheet HTML 19Page - Texas Instruments LSF0101 Datasheet HTML 20Page - Texas Instruments LSF0101 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 39 page
background image
Vref_A
Vref_B
EN
A1
A2
B1
B2
LSF0108
200KΩ
Vcc
Vcc
Rpu
GPIO
GPIO
GPIO
GPIO
Vref(A) = 1.8V
Vpu= 5.0V
Rpu
Rpu
Vpu= 3.3V
GPIO
GPIO
1.8V
A3
A4
B3
B4
A5
A6
B5
B6
SCL
SDA
GPIO
GPIO
MDIO
MDC
SCL
SDA
MDIO
MDC
Rpu
Rpu
SW
SW
SW
SW
SW
SW
SW
SW
Vcc
17
LSF0101, LSF0102, LSF0108
www.ti.com
SDLS966G – DECEMBER 2013 – REVISED FEBRUAURY 2016
Product Folder Links: LSF0101 LSF0102 LSF0108
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
9.2.3 Multiple Voltage Translation in Single Device
9.2.3.1 Design Requirements
Refer to Design Requirements.
9.2.3.2 Detailed Design Procedure
Refer to Detailed Design Procedure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com