Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSF0101 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LSF0101
Description  Channel Bidirectional Multi-Voltage Level Translator
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LSF0101 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LSF0101 Datasheet HTML 12Page - Texas Instruments LSF0101 Datasheet HTML 13Page - Texas Instruments LSF0101 Datasheet HTML 14Page - Texas Instruments LSF0101 Datasheet HTML 15Page - Texas Instruments LSF0101 Datasheet HTML 16Page - Texas Instruments LSF0101 Datasheet HTML 17Page - Texas Instruments LSF0101 Datasheet HTML 18Page - Texas Instruments LSF0101 Datasheet HTML 19Page - Texas Instruments LSF0101 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 39 page
background image
Input (3.3V)
Output (1.0V)
Vref_A
Vref_B
2
7
3
4
8 EN
6
5
1
GND
A1
A2
B1
B2
LSF0102
Rpu
200KΩ
ON
Off
Rpu
Rpu
Rpu
Vref(A) = 1.8V
Vpu = 3.3V
GND
GND
3.3V enable signal
Vcc
MDIO
MDC
SW
SW
Vcc
MDIO
MDC
16
LSF0101, LSF0102, LSF0108
SDLS966G – DECEMBER 2013 – REVISED FEBRUAURY 2016
www.ti.com
Product Folder Links: LSF0101 LSF0102 LSF0108
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
9.2.2 MDIO
Figure 9. Typical Application Circuit (MDIO/Bidirectional Interface)
9.2.2.1 Design Requirements
Refer to Design Requirements.
9.2.2.2 Detailed Design Procedure
Refer to Detailed Design Procedure.
9.2.2.3 Application Curve
Figure 10. Captured Waveform From Above MDIO Setup



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com