Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSF0101 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # LSF0101
Description  Channel Bidirectional Multi-Voltage Level Translator
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LSF0101 Datasheet(HTML) 15 Page - Texas Instruments

Back Button LSF0101 Datasheet HTML 11Page - Texas Instruments LSF0101 Datasheet HTML 12Page - Texas Instruments LSF0101 Datasheet HTML 13Page - Texas Instruments LSF0101 Datasheet HTML 14Page - Texas Instruments LSF0101 Datasheet HTML 15Page - Texas Instruments LSF0101 Datasheet HTML 16Page - Texas Instruments LSF0101 Datasheet HTML 17Page - Texas Instruments LSF0101 Datasheet HTML 18Page - Texas Instruments LSF0101 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 39 page
background image
±1
0
1
2
3
4
0
50
100
150
200
250
300
350
400
450
500
Time - ns
Input
Output
C002
15
LSF0101, LSF0102, LSF0108
www.ti.com
SDLS966G – DECEMBER 2013 – REVISED FEBRUAURY 2016
Product Folder Links: LSF0101 LSF0102 LSF0108
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
9.2.1.3 Application Curve
Figure 8. Captured Waveform From Above I2C Set-Up (1.8 V to 3.3 V at 2.5 MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com