Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VD5377UW Datasheet(PDF) 57 Page - STMicroelectronics

Part # VD5377UW
Description  Ultra-low power motion sensor for optical finger navigation (OFN)
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD5377UW Datasheet(HTML) 57 Page - STMicroelectronics

Back Button VD5377UW Datasheet HTML 53Page - STMicroelectronics VD5377UW Datasheet HTML 54Page - STMicroelectronics VD5377UW Datasheet HTML 55Page - STMicroelectronics VD5377UW Datasheet HTML 56Page - STMicroelectronics VD5377UW Datasheet HTML 57Page - STMicroelectronics VD5377UW Datasheet HTML 58Page - STMicroelectronics VD5377UW Datasheet HTML 59Page - STMicroelectronics VD5377UW Datasheet HTML 60Page - STMicroelectronics VD5377UW Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 88 page
background image
Doc ID 022952 Rev 2
57/88
VD5377
Image capture
9.1.1
Step-by-step procedure
The flow chart in Figure 24 represents the implementation of the I2C frame dump mode from
the host’s point of view.
Figure 24. Flow chart procedure for I2C frame dump
For I2C multiple read see Section 11.4.4: Multiple location read on page 66.
Framedump
enable frame dump
1 - Set clocks (write 0x15 = 0x22)
3 - Set framedump_reset_n (set bit 5 of reg 0x16)
4 - Select output image type - Exp/black/CDS (set 1:0 of reg 0x56)
5 - Disable I2C auto increment (reset bit 0 of reg 0x7C)
wait tsetup
I2C multiple read
disable frame dump
Exit sequence
of 400 bytes
5 - Clear motion_engine_start (reset bit 7 in register 0x19)
7 - Wait for 250 us or poll bit 2 of register 0x59
8 - Read 400 pixel data stored in register 0x58
9 - Disable frame dump mode (write 0x00 in register 0x59)
13 - Reset clocks (set register 0x15 to 0x00)
12 - Clear framedump_reset_n (reset bit 5 of reg 0x16)
11 - Re-enable I2C auto increment (set bit 0 of reg 0x7C)
*
* : - a multiple read of 400 bytes correspond to the I2C sequence:
start+device_addr(W)+index(0x58)+repeated_start+device_addr(R)+Pixel0+Pixel1+...+Pixel399+Stop
- if -due to some host limitation- such a long multiple read is not possible, a similar sequence as below
should be performed. Example for a limitation of 128 byte multiple read:
start+device_addr(W)+index(0x58)+repeated_start+device_addr(R)+Pixel0+...+Pixel127+Stop
start+device_addr(W)+index(0x58)+repeated_start+device_addr(R)+Pixel128+...+Pixel255+Stop
start+device_addr(W)+index(0x58)+repeated_start+device_addr(R)+Pixel256+...+Pixel383+Stop
start+device_addr(W)+index(0x58)+repeated_start+device_addr(R)+Pixel384+...+Pixel399+Stop
10 - Set motion_engine_start (set bit 7 in register 0x19)
6 - Enable frame dump mode (write 0x01 in register 0x59)
init sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com