Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VD5377UW Datasheet(PDF) 72 Page - STMicroelectronics

Part # VD5377UW
Description  Ultra-low power motion sensor for optical finger navigation (OFN)
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD5377UW Datasheet(HTML) 72 Page - STMicroelectronics

Back Button VD5377UW Datasheet HTML 68Page - STMicroelectronics VD5377UW Datasheet HTML 69Page - STMicroelectronics VD5377UW Datasheet HTML 70Page - STMicroelectronics VD5377UW Datasheet HTML 71Page - STMicroelectronics VD5377UW Datasheet HTML 72Page - STMicroelectronics VD5377UW Datasheet HTML 73Page - STMicroelectronics VD5377UW Datasheet HTML 74Page - STMicroelectronics VD5377UW Datasheet HTML 75Page - STMicroelectronics VD5377UW Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 88 page
background image
I2C register map
VD5377
72/88
Doc ID 022952 Rev 2
c
GPIO_MOTION
gpio_motion_en
0
PRW
00
MOTION output enable (active
low)
0 = PAD configured as OUTPUT
1 = PAD configured as INPUT
gpio_motion_a
1
PRW
01
MOTION data output (when _en
= 0)
gpio_motion_zi
2
PR
01
MOTION IO value
gpio_motion_pd
3
PRW
01
MOTION pull-down control
(internal 35 kOhms pull-down
resistor) - active LOW
0 = IO is pulled down
1 = IO not pulled down
gpio_motion_a_ctrl
4
PRW
00
MOTION data output origin
0 = Output value from HW
register
1 = Output value from motion
detect IP
Reserved
6:5
PRW
02
Reserved
gpio_motion_
opendrain
7PRW
00
MOTION pad open drain control
0 = MOTION pad normal config
1 = MOTION pad in open drain
(A=EN)
d
GPIO_GPIO0
gpio_gpio0_en
0
PRW
00
GPIO0 output enable (active
low)
0 = PAD configured as OUTPUT
1 = PAD configured as INPUT
gpio_gpio0_a
1
PRW
00
GPIO0 data output (when _en =
0)
gpio_gpio0_zi
2
PR
00
GPIO0 IO value
gpio_gpio0_a_ctrl
4
PRW
00
GPIO0 data output select, either
as LED_OUT_EN or from
register bank.
0 = Output value from HW
register
1 = LED_OUT_EN (polarity set
in register 0x3 analog_ctrl2 bit
7)
gpio_gpio0_
opendrain
7PRW
00
GPIO0 pad open drain control
0 = GPIO0 pad normal config
1 = GPIO0 pad in open drain
(A=EN)
Table 38. I2C register map (continued)
Addr
(Hex)
Register name
SIgnal name
Bit
Type
Default
(Hex)
Comment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com