Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VD5377UW Datasheet(PDF) 7 Page - STMicroelectronics

Part # VD5377UW
Description  Ultra-low power motion sensor for optical finger navigation (OFN)
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD5377UW Datasheet(HTML) 7 Page - STMicroelectronics

Back Button VD5377UW Datasheet HTML 3Page - STMicroelectronics VD5377UW Datasheet HTML 4Page - STMicroelectronics VD5377UW Datasheet HTML 5Page - STMicroelectronics VD5377UW Datasheet HTML 6Page - STMicroelectronics VD5377UW Datasheet HTML 7Page - STMicroelectronics VD5377UW Datasheet HTML 8Page - STMicroelectronics VD5377UW Datasheet HTML 9Page - STMicroelectronics VD5377UW Datasheet HTML 10Page - STMicroelectronics VD5377UW Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 88 page
background image
Doc ID 022952 Rev 2
7/88
VD5377
Overview
1
Overview
The VD5377 is an ultra-low power, single-chip controller IC containing all the functions
necessary for optical joysticks/optical finger navigation modules. It incorporates a 20 x 20,
30.4 µm pixel imaging array supporting frame rates up to 4 k frames/s capable of detecting
and tracking motion at up to 28 inches/s with high accuracy and low drift. Maximum velocity
is calculated as follows:
maximum velocity = (pixel size/lens magnification) x max frame rate x
max.displacement per frame
For example:
0.5 magnification = (30 µm/0.5) x 4000 f/s x 3 pixels = 0.72 m/s (28
inches/s)
Figure 1 shows a simplified block diagram of a typical optical navigation system.
Communication with the device is over a 400 kHz I2C serial link (I2C address is user-
selectable). The MOTION signal is asserted when the VD5377 senses motion and motion
X/Y data is accessed over the I2C link. The user can choose between Automatic power
management mode, where the device will automatically go into low power hibernation if no
motion is detected or Manual power management mode where there is a choice of two low
power states: Standby or Powerdown. The external navigation LED driver is fully integrated
in the device, supporting drive currents up to 14 mA. Where higher power is required, an
external driver can be used.
Figure 1. VD5377 simplified system block diagram
IR LED
LED_OUT
2.2 to 3.0V
VD5377
I2C
MOTION
POWERDOWN
STANDBY
Host MCU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com