Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS6663 Datasheet(PDF) 24 Page - STMicroelectronics

Part # VS6663
Description  1.3 megapixel camera module
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6663 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button VS6663 Datasheet HTML 20Page - STMicroelectronics VS6663 Datasheet HTML 21Page - STMicroelectronics VS6663 Datasheet HTML 22Page - STMicroelectronics VS6663 Datasheet HTML 23Page - STMicroelectronics VS6663 Datasheet HTML 24Page - STMicroelectronics VS6663 Datasheet HTML 25Page - STMicroelectronics VS6663 Datasheet HTML 26Page - STMicroelectronics VS6663 Datasheet HTML 27Page - STMicroelectronics VS6663 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 64 page
background image
Camera control interface (CCI)
VS6663
24/64
DocID022316 Rev 3
4.2.2
Frame format description registers [0x0040 to 0x007F]
For a full description of the frame format description refer to Chapter 5: Video data interface
on page 36.
4.2.3
Analog gain description registers [0x0080 to 0x0093]
For a full description of the analog gain description registers refer to Chapter 6: Video timing
on page 39.
Table 11. Frame format description registers [0x0040 to 0x007F]
Index
Byte
Register name
Data type Default
Type
Comment
0x0040
frame_format_model_type
8C
01
RO
Generic frame format.
0x01: 2-byte data format.
0x0041
frame_format_model_subtype
8C
12
RO
Contains the number of 2-byte data
format descriptors used.
Upper nibble defines the number of
column descriptors (1).
The lower nibble defines the number
of row descriptors (2)
0x0042
Hi
frame_format_descriptor_0
16C
55.10
RO
Pixel data code: 5 (Visible Columns)
Number of pixels : readout
dependent
(Maximum of 1296)
Number of pixels: 1296
0x0043
Lo
0x0044
Hi
frame_format_descriptor_1
16C
10.02
RO
Pixel data code: 1 (Embedded data
lines)
Number of status lines:2
0x0045
Lo
0x0046
Hi
frame_format_descriptor_2
16C
53.D0
RO
Pixel data code: 5 (Visible Lines)
number of pixels: readout
dependent
(Maximum of 976)
Number of pixels: 976
0x0047
Lo
Table 12. Analog gain description [0x0080 to 0x0093]
Index
Byte
Register name
Data type Default
Type
Comment
0x0080
Hi
analogue_gain_capability
16B
00.00
RO
Analog gain capability
0 – single global analog gain only
0x0081
Lo
0x0084
Hi
analogue_gain_code_min
16UI
00.00
RO
Minimum recommended analog
gain code, that is, 0 (x1 gain)
0x0085
Lo
0x0086
Hi
analogue_gain_code_max
16UI
00.F0
RO
Maximum recommended analog
gain code, that is, 240 (x16 gain)
0x0087
Lo
0x0088
Hi
analogue_gain_code_step
16UI
00.10
RO
Analog gain code step size
0x0089
Lo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com