Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS6663 Datasheet(PDF) 39 Page - STMicroelectronics

Part # VS6663
Description  1.3 megapixel camera module
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6663 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button VS6663 Datasheet HTML 35Page - STMicroelectronics VS6663 Datasheet HTML 36Page - STMicroelectronics VS6663 Datasheet HTML 37Page - STMicroelectronics VS6663 Datasheet HTML 38Page - STMicroelectronics VS6663 Datasheet HTML 39Page - STMicroelectronics VS6663 Datasheet HTML 40Page - STMicroelectronics VS6663 Datasheet HTML 41Page - STMicroelectronics VS6663 Datasheet HTML 42Page - STMicroelectronics VS6663 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 64 page
background image
DocID022316 Rev 3
39/64
VS6663
Video timing
47
6
Video timing
6.1
Output size
The VS6663 has the following methods available to achieve the required output size, these
can be used independently or in conjunction with any other:
•
analog crop, see Section 6.1.1
•
binning, see Section 6.1.2
•
output crop, see Section 6.1.3
Note:
The VS6663 does not support subsampling.
The programmable image size and output size are independent functions. It is the
responsibility of the host to ensure that these functions are programmed correctly for the
intended application.
Figure 13. Data flow
6.1.1
Analog crop
The native size for the VS6663 is 1280x 960, the maximum addressable array is 1296 x 976
which gives eight border pixels for the color reconstruction algorithms to use at the edges of
the array.
By programming the x_addr_start, y_addr_start, x_addr_end and y_addr_end registers it is
possible to use the full size of the array as you would do for a native size output or you can
select a “window of interest”. The addressed region of the array is used in any subsequent
binning operation.
Output crop
Analog crop
Binning
Imaging array



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com