Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS6663 Datasheet(PDF) 27 Page - STMicroelectronics

Part # VS6663
Description  1.3 megapixel camera module
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6663 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button VS6663 Datasheet HTML 23Page - STMicroelectronics VS6663 Datasheet HTML 24Page - STMicroelectronics VS6663 Datasheet HTML 25Page - STMicroelectronics VS6663 Datasheet HTML 26Page - STMicroelectronics VS6663 Datasheet HTML 27Page - STMicroelectronics VS6663 Datasheet HTML 28Page - STMicroelectronics VS6663 Datasheet HTML 29Page - STMicroelectronics VS6663 Datasheet HTML 30Page - STMicroelectronics VS6663 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 64 page
background image
DocID022316 Rev 3
27/64
VS6663
Camera control interface (CCI)
47
4.2.6
Integration time and gain registers [0x0200 to 0x02FF]
These registers are used to control the image exposure. See Section 6.3: Exposure and
gain control on page 45 for more information.
0x0112
Hi
csi_data_format
16UI
0A.0A
RW
The MSB contains the bit width of
the uncompressed pixel data.
The LSB contains the bit width of the
compressed pixel data.
0A.0A - RAW10 mode
0A.08 - 10-8 compressed mode
08.08 - RAW8 mode
0x0113
Lo
0x0114
csi_lane_mode
8UI
00
RW
Number of data lanes in use
00 - 1-lane
0x0115
csi2_10_to_8_dt
8UI
30
RW
CSI-2 data type for 10-8
compression
0x0120
gain_mode
8UI
00
RO
0x00 – Global analog gain.
VS6663 supports only global gain
modes.
0x0136
Hi
extclk_frequency_mhz
8.8UR
06.00
RW
Frequency of external crystal
0x0137
Lo
Table 14. Setup registers [0x0100 to 0x01FF] (continued)
Index
Byte
Register name
Data type Default
Type
Comment
Table 15. Integration time and gain registers [0x0200 to 0x02FF]
Index
Byte
Register name
Data type Default
Type
Comment
0x0200
Hi
fine_integration_time
16UI
01.4C
RW
Fine integration time (pixels)
0x0201
Lo
0x0202
Hi
coarse_integration_time
16UI
00.00
RW
coarse integration time (lines).
0x0203
Lo
0x0204
Hi
analogue_gain_code_global
16UI
00.00
RW
Global analog gain parameter
(coded). See Section 6.3.1: Gain
model on page 45 for details of how
to use this parameter.
0x0205
Lo
0x020E
Hi
digital_gain_greenr
16UR
01.00
RW
Gain code for greenr channel
0x020F
Lo
0x0210
Hi
digital_gain_red
16UR
01.00
RW
Gain code for red channel
0x0211
Lo
0x0212
Hi
digital_gain_blue
16UR
01.00
RW
Gain code for blue channel
0x0213
Lo
0x0214
Hi
digital_gain_greenb
16UR
01.00
RW
Gain code for greenb channel
0x0215
Lo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com