Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VX6953CB Datasheet(PDF) 66 Page - STMicroelectronics

Part # VX6953CB
Description  5.1 megapixel EDOF camera module
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VX6953CB Datasheet(HTML) 66 Page - STMicroelectronics

Back Button VX6953CB Datasheet HTML 62Page - STMicroelectronics VX6953CB Datasheet HTML 63Page - STMicroelectronics VX6953CB Datasheet HTML 64Page - STMicroelectronics VX6953CB Datasheet HTML 65Page - STMicroelectronics VX6953CB Datasheet HTML 66Page - STMicroelectronics VX6953CB Datasheet HTML 67Page - STMicroelectronics VX6953CB Datasheet HTML 68Page - STMicroelectronics VX6953CB Datasheet HTML 69Page - STMicroelectronics VX6953CB Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 107 page
background image
Video timing
VX6953CB
66/107
8209023 Rev 5
6.5.2
Digital gain
To help compensate for the relatively coarse analog gain steps, VX6953CB contains a
digital multiplier to “fill” in the missing steps. By mixing analog and digital gain it is possible
to implement 3% gain steps across the full 1x to 16x gain range.
The details of the digital gain implementation are:
•
four individual 16-bit digital channel gains - one per Bayer channel
–
digital_gain_greenR (0x020E and 0x020F)
–
digital_gain_red (0x0210 and 0x0211)
–
digital_gain_blue (0x0212 and 0x0213)
–
digital_gain_greenB (0x0214 and 0x0215)
•
the digital gain range for each channel is 1.000 to 1.96875 in steps of 0.03125 (1/32)
that is, five fractional bits
–
digital_gain_min {0x1084:0x1085} = 0x0100 (1.00)
–
digital_gain_max {0x1086:0x1087} = 0x01F8 (1.96875)
–
digital_gain_step {0x1088:0x1089} = 0x0008 (0.03125)
6.5.3
Integration and gain parameter retiming
The modification of exposure parameter (coarse, fine, clock division or gain) register values
does not take effect immediately.
The exact time at which changes to certain parameters take effect is controlled both to
ensure that each frame of image data produced has consistent settings and that changes in
groups of related parameters can be synchronized.
A group of parameter changes is marked by the host using a dedicated Boolean control
parameter, grouped_parameter_hold (register 0x0104). Any changes made to “retimed”
parameters while the grouped_parameter_hold signal is in the “hold” state will be
considered part of the same group. Only when the grouped_parameter_hold control signal
is moved back to the default “no-hold” state will the group of changes be executed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com