Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VX6953CB Datasheet(PDF) 99 Page - STMicroelectronics

Part # VX6953CB
Description  5.1 megapixel EDOF camera module
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VX6953CB Datasheet(HTML) 99 Page - STMicroelectronics

Back Button VX6953CB Datasheet HTML 95Page - STMicroelectronics VX6953CB Datasheet HTML 96Page - STMicroelectronics VX6953CB Datasheet HTML 97Page - STMicroelectronics VX6953CB Datasheet HTML 98Page - STMicroelectronics VX6953CB Datasheet HTML 99Page - STMicroelectronics VX6953CB Datasheet HTML 100Page - STMicroelectronics VX6953CB Datasheet HTML 101Page - STMicroelectronics VX6953CB Datasheet HTML 102Page - STMicroelectronics VX6953CB Datasheet HTML 103Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 107 page
background image
8209023 Rev 5
99/107
VX6953CB
Optical specification
13
Optical specification
13.1
Lens characteristics
Note:
The module IR filter cut-off wavelength is 650 nm.
Table 59. Typical lens design characteristics for first source lens supplier
Parameter
Value
4 element plastic lens
-
F/number
2.8
Effective focal length
3.32 mm
Horizontal FOV
57.1
°
In-focus distance range
Infinity to 40 cm ( EDOF applied)
Distortion
TV: +/-1%
Relative illumination (lens only)
48.7% at 1.0 field on green channels.
Maximum illumination decrease
over 10% of image height. (lens
only)
8.5%
Spectral weighting:
Wavelength (nm)
Weight
435.8
6
486.1
17
546.1
38
587.6
29
656.3
13
Lateral chromatic aberration
<1.4 um
Coating reflectance - All surfaces
are coated. At least 50% of all
surfaces must fulfil this
specification.
< 400 nm
400 to 670 nm
>670nm
No limitation
≤1.0% absolute, 0.35% avg
Straight line with a slope of < 3% /100 nm
Maximum chief ray angle
27.9
°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com