Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC07APWLE Datasheet(PDF) 10 Page - Texas Instruments

Part # SN74LVC07APWLE
Description  Hex Buffer/Driver With Open-Drain Outputs
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC07APWLE Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN74LVC07APWLE Datasheet HTML 6Page - Texas Instruments SN74LVC07APWLE Datasheet HTML 7Page - Texas Instruments SN74LVC07APWLE Datasheet HTML 8Page - Texas Instruments SN74LVC07APWLE Datasheet HTML 9Page - Texas Instruments SN74LVC07APWLE Datasheet HTML 10Page - Texas Instruments SN74LVC07APWLE Datasheet HTML 11Page - Texas Instruments SN74LVC07APWLE Datasheet HTML 12Page - Texas Instruments SN74LVC07APWLE Datasheet HTML 13Page - Texas Instruments SN74LVC07APWLE Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
500
500
2xVCC
NOTES: A. CL includesprobeandjigcapacitance.
B. Waveform1isforanoutputwithinternalconnectionssuchthattheoutputislow,exceptwhendisabledbytheoutputcontrol.
Waveform2isforanoutputwithinternalconnectionssuchthattheoutputishigh,exceptwhendisabledbytheoutputcontrol.
C. Allinputpulsesaresuppliedbygeneratorshavingthefollowingcharacteristics:PRR
10MHz,Z =50
,t
2.5ns,t
t
t
t
t
V
t
V
≤
≤
≤ 2.5ns.
D. Theoutputsaremeasuredoneatatime,withonetransitionpermeasurement.
E. Sincethisdevicehasopen-drainoutputs,
and
arethesameas
.
F.
ismeasuredat
/2.
G.
ismeasuredat
+0.3V.
H.Allparametersandwaveformsarenotapplicabletoalldevices.
O
r
f
PLZ
PZL
pd
PZL
CC
PLZ
OL
Output
Waveform2
S1at2xVCC
(seeNoteB)
Output
Waveform1
S1at2xVCC
(seeNoteB)
2xVCC
2xVCC
2xVCC
0.3V
SN74LVC07A
SCAS595V – OCTOBER 1997 – REVISED MAY 2015
www.ti.com
8.4 VCC = 5 V ± 0.5 V
Figure 6. Load Circuit and Voltage Waveforms
10
Submit Documentation Feedback
Copyright © 1997–2015, Texas Instruments Incorporated
Product Folder Links: SN74LVC07A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com