Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC07APWLE Datasheet(PDF) 12 Page - Texas Instruments

Part # SN74LVC07APWLE
Description  Hex Buffer/Driver With Open-Drain Outputs
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC07APWLE Datasheet(HTML) 12 Page - Texas Instruments

Back Button SN74LVC07APWLE Datasheet HTML 8Page - Texas Instruments SN74LVC07APWLE Datasheet HTML 9Page - Texas Instruments SN74LVC07APWLE Datasheet HTML 10Page - Texas Instruments SN74LVC07APWLE Datasheet HTML 11Page - Texas Instruments SN74LVC07APWLE Datasheet HTML 12Page - Texas Instruments SN74LVC07APWLE Datasheet HTML 13Page - Texas Instruments SN74LVC07APWLE Datasheet HTML 14Page - Texas Instruments SN74LVC07APWLE Datasheet HTML 15Page - Texas Instruments SN74LVC07APWLE Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
uC or Logic
Basic LED Driver
Wired OR
uC or Logic
Buffer Function
LVC1G07
uC or Logic
LVC1G07
VPU
uC or Logic
LVC1G07
VPU
SN74LVC07A
SCAS595V – OCTOBER 1997 – REVISED MAY 2015
www.ti.com
10 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
10.1 Application Information
The SN74LVC07A device is a high-drive, open-drain CMOS device that can be used for a multitude of buffer-
type functions. It can produce 24 mA of drive current at 3.3 V. Therefore, this device is ideal for driving multiple
inputs and for high-speed applications up to 100 Mhz. The inputs and outputs are 5.5-V tolerant allowing the
device to translate up to 5.5 V or down to VCC.
10.2 Typical Application
Figure 7. Typical Application Diagram
10.2.1 Design Requirements
This device uses CMOS technology and has balanced output drive. Care must be taken to avoid bus contention
because it can drive currents that would exceed maximum limits. The high drive will also create fast edges into
light loads; therefore, routing and load conditions must be considered to prevent ringing.
10.2.2 Detailed Design Procedure
1. Recommended Input Conditions
–
Rise time and fall time specs: See (
Δt/ΔV) in the Recommended Operating Conditions table.
–
Specified high and low levels: See (VIH and VIL) in the Recommended Operating Conditions table.
–
Inputs are overvoltage tolerant allowing them to go as high as 5.5 V at any valid VCC.
2. Recommend Output Conditions
–
Load currents must not exceed 25 mA per output and 50 mA total for the part.
–
Outputs must not be pulled above 5.5 V.
12
Submit Documentation Feedback
Copyright © 1997–2015, Texas Instruments Incorporated
Product Folder Links: SN74LVC07A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com