Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC07APWLE Datasheet(PDF) 11 Page - Texas Instruments

Part # SN74LVC07APWLE
Description  Hex Buffer/Driver With Open-Drain Outputs
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC07APWLE Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN74LVC07APWLE Datasheet HTML 7Page - Texas Instruments SN74LVC07APWLE Datasheet HTML 8Page - Texas Instruments SN74LVC07APWLE Datasheet HTML 9Page - Texas Instruments SN74LVC07APWLE Datasheet HTML 10Page - Texas Instruments SN74LVC07APWLE Datasheet HTML 11Page - Texas Instruments SN74LVC07APWLE Datasheet HTML 12Page - Texas Instruments SN74LVC07APWLE Datasheet HTML 13Page - Texas Instruments SN74LVC07APWLE Datasheet HTML 14Page - Texas Instruments SN74LVC07APWLE Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
A
Y
SN74LVC07A
www.ti.com
SCAS595V – OCTOBER 1997 – REVISED MAY 2015
9 Detailed Description
9.1 Overview
The outputs of the SN74LVC07A device are open drain and can be connected to other open-drain outputs to
implement active-low wired-OR or active-high wired-AND functions. The maximum sink current is 24 mA.
Inputs can be driven from 1.8-V, 2.5-V, 3.3-V (LVTTL), or 5-V (CMOS) devices. This feature allows the use of
this device as translators in a mixed-system environment.
This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs,
preventing damaging current backflow through the device when it is powered down.
9.2 Functional Block Diagram
9.3 Feature Description
•
Wide operating voltage range
–
Operates from 1.65 V to 5.5 V
•
Allows up or down voltage translation
–
Inputs and outputs accept voltages to 5.5 V
•
Ioff feature
–
Allows voltages on the inputs and outputs when VCC is 0 V
9.4 Device Functional Modes
Table 1. Function Table
INPUT
OUTPUT
A
Y
H
Hi-Z
L
L
Copyright © 1997–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: SN74LVC07A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com