Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F6435IPZ Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F6435IPZ
Description  Mixed-Signal Microcontrollers
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F6435IPZ Datasheet(HTML) 21 Page - Texas Instruments

Back Button MSP430F6435IPZ Datasheet HTML 17Page - Texas Instruments MSP430F6435IPZ Datasheet HTML 18Page - Texas Instruments MSP430F6435IPZ Datasheet HTML 19Page - Texas Instruments MSP430F6435IPZ Datasheet HTML 20Page - Texas Instruments MSP430F6435IPZ Datasheet HTML 21Page - Texas Instruments MSP430F6435IPZ Datasheet HTML 22Page - Texas Instruments MSP430F6435IPZ Datasheet HTML 23Page - Texas Instruments MSP430F6435IPZ Datasheet HTML 24Page - Texas Instruments MSP430F6435IPZ Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 119 page
background image
MSP430F6438, MSP430F6436, MSP430F6435, MSP430F6433
www.ti.com
SLAS720D – AUGUST 2010 – REVISED DECEMBER 2015
Low-Power Mode With LCD Supply Currents (Into VCC) Excluding External Current (continued)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
(1) (2)
TEMPERATURE (TA)
PARAMETER
VCC
PMMCOREVx
–40°C
25°C
60°C
85°C
UNIT
TYP
MAX
TYP
MAX
TYP
MAX
TYP
MAX
0
2.7
3.2
3.8
5.9
7.9
12.2
Low-power mode 3
ILPM3,
(LPM3) current, LCD 4-
1
2.7
3.2
6.1
8.1
LCD,
mux mode, internal
3 V
µA
2
2.8
3.3
6.2
8.3
int. bias
biasing, charge pump
disabled(3)(5)
3
2.8
3.3
4.9
6.4
8.4
13.7
0
3.8
2.2 V
1
3.9
µA
Low-power mode 3
2
4.0
(LPM3) current, LCD 4-
ILPM3
mux mode, internal
0
4.0
LCD,CP
biasing, charge pump
1
4.1
enabled(3)(6)
3 V
µA
2
4.2
3
4.2
(5)
LCDMx = 11 (4-mux mode), LCDREXT = 0, LCDEXTBIAS = 0 (internal biasing), LCD2B = 0 (1/3 bias), LCDCPEN = 0 (charge pump
disabled), LCDSSEL = 0, LCDPREx = 101, LCDDIVx = 00011 (fLCD = 32768 Hz/32/4 = 256 Hz)
Even segments S0, S2,... = 0, odd segments S1, S3,... = 1. No LCD panel load.
(6)
LCDMx = 11 (4-mux mode), LCDREXT = 0, LCDEXTBIAS = 0 (internal biasing), LCD2B = 0 (1/3 bias), LCDCPEN = 1 (charge pump
enabled), VLCDx = 1000 (VLCD = 3 V, typical), LCDSSEL = 0, LCDPREx = 101, LCDDIVx = 00011 (fLCD = 32768 Hz/32/4 = 256 Hz)
Even segments S0, S2,... = 0, odd segments S1, S3,... = 1. No LCD panel load.
5.7
Thermal Resistance Characteristics
PARAMETER
VALUE
UNIT
QFP (PZ)
122
θJA
Junction-to-ambient thermal resistance, still air(1)
°C/W
BGA (ZQW)
108
QFP (PZ)
83
θJC(TOP)
Junction-to-case (top) thermal resistance(2)
°C/W
BGA (ZQW)
72
QFP (PZ)
98
θJB
Junction-to-board thermal resistance(3)
°C/W
BGA (ZQW)
76
(1)
The junction-to-ambient thermal resistance under natural convection is obtained in a simulation on a JEDEC-standard, High-K board, as
specified in JESD51-7, in an environment described in JESD51-2a.
(2)
The junction-to-case (top) thermal resistance is obtained by simulating a cold plate test on the package top. No specific JEDEC-
standard test exists, but a close description can be found in the ANSI SEMI standard G30-88.
(3)
The junction-to-board thermal resistance is obtained by simulating in an environment with a ring cold plate fixture to control the PCB
temperature, as described in JESD51-8.
Copyright © 2010–2015, Texas Instruments Incorporated
Specifications
21
Submit Documentation Feedback
Product Folder Links: MSP430F6438 MSP430F6436 MSP430F6435 MSP430F6433



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com