Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F6435IPZ Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F6435IPZ
Description  Mixed-Signal Microcontrollers
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F6435IPZ Datasheet(HTML) 49 Page - Texas Instruments

Back Button MSP430F6435IPZ Datasheet HTML 45Page - Texas Instruments MSP430F6435IPZ Datasheet HTML 46Page - Texas Instruments MSP430F6435IPZ Datasheet HTML 47Page - Texas Instruments MSP430F6435IPZ Datasheet HTML 48Page - Texas Instruments MSP430F6435IPZ Datasheet HTML 49Page - Texas Instruments MSP430F6435IPZ Datasheet HTML 50Page - Texas Instruments MSP430F6435IPZ Datasheet HTML 51Page - Texas Instruments MSP430F6435IPZ Datasheet HTML 52Page - Texas Instruments MSP430F6435IPZ Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 119 page
background image
R
= 3 k
Load
W
AV
CC
C
= 100 pF
Load
2
DAC Output
R
O/P(DAC12.x)
I
Load
Conversion 1
Conversion 2
V
OUT
Conversion 3
Glitch
Energy
±1/2 LSB
±1/2 LSB
t
settleLH
t
settleHL
MSP430F6438, MSP430F6436, MSP430F6435, MSP430F6433
www.ti.com
SLAS720D – AUGUST 2010 – REVISED DECEMBER 2015
5.48 12-Bit DAC, Reference Input Specifications
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
AVCC
AVCC
DAC12IR = 0(1) (2)
/ 3
+ 0.2
Reference input voltage
VeREF+
2.2 V, 3 V
V
range
AVCC
DAC12IR = 1(3) (4)
AVCC
+ 0.2
DAC12_0 IR = DAC12_1 IR = 0
20
M
Ω
DAC12_0 IR = 1, DAC12_1 IR = 0
48
Ri(VREF+),
Reference input resistance(5)
2.2 V, 3 V
DAC12_0 IR = 0, DAC12_1 IR = 1
48
Ri(VeREF+)
k
Ω
DAC12_0 IR = DAC12_1 IR = 1,
24
DAC12_0 SREFx = DAC12_1 SREFx(6)
(1)
For a full-scale output, the reference input voltage can be as high as 1/3 of the maximum output voltage swing (AVCC).
(2)
The maximum voltage applied at reference input voltage terminal VeREF+ = (AVCC – VE(O)) / (3 × (1 + EG)).
(3)
For a full-scale output, the reference input voltage can be as high as the maximum output voltage swing (AVCC).
(4)
The maximum voltage applied at reference input voltage terminal VeREF+ = (AVCC – VE(O)) / (1 + EG).
(5)
This impedance depends on tradeoff in power savings. Current devices have 48 k
Ω for each channel when divide is enabled. Can be
increased if performance can be maintained.
(6)
When DAC12IR = 1 and DAC12SREFx = 0 or 1 for both channels, the reference input resistive dividers for each DAC are in parallel
reducing the reference input resistance.
5.49 12-Bit DAC, Dynamic Specifications
VREF = VCC, DAC12IR = 1 (see Figure 5-19 and Figure 5-20), over recommended ranges of supply voltage and operating free-
air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
DAC12AMPx = 0
→ {2, 3, 4}
60
120
DAC12_xDAT = 800h,
tON
DAC12 on time
ErrorV(O) < ±0.5 LSB
(1)
DAC12AMPx = 0
→ {5, 6}
2.2 V, 3 V
15
30
µs
(see Figure 5-19)
DAC12AMPx = 0
→ 7
6
12
DAC12AMPx = 2
100
200
DAC12_xDAT =
tS(FS)
Settling time, full scale
DAC12AMPx = 3, 5
2.2 V, 3 V
40
80
µs
80h
→ F7Fh → 80h
DAC12AMPx = 4, 6, 7
15
30
DAC12AMPx = 2
5
DAC12_xDAT =
Settling time, code to
tS(C-C)
3F8h
→ 408h → 3F8h,
DAC12AMPx = 3, 5
2.2 V, 3 V
2
µs
code
BF8h
→ C08h → BF8h
DAC12AMPx = 4, 6, 7
1
DAC12AMPx = 2
0.05
0.35
DAC12_xDAT =
SR
Slew rate
DAC12AMPx = 3, 5
2.2 V, 3 V
0.35
1.10
V/µs
80h
→ F7Fh → 80h(2)
DAC12AMPx = 4, 6, 7
1.50
5.20
DAC12_xDAT =
Glitch energy
DAC12AMPx = 7
2.2 V, 3 V
35
nV-s
800h
→ 7FFh → 800h
(1)
RLoad and CLoad connected to AVSS (not AVCC/2) in Figure 5-19.
(2)
Slew rate applies to output voltage steps
≥ 200 mV.
Figure 5-19. Settling Time and Glitch Energy Testing
Copyright © 2010–2015, Texas Instruments Incorporated
Specifications
49
Submit Documentation Feedback
Product Folder Links: MSP430F6438 MSP430F6436 MSP430F6435 MSP430F6433



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com