Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F6435IPZ Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F6435IPZ
Description  Mixed-Signal Microcontrollers
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F6435IPZ Datasheet(HTML) 39 Page - Texas Instruments

Back Button MSP430F6435IPZ Datasheet HTML 35Page - Texas Instruments MSP430F6435IPZ Datasheet HTML 36Page - Texas Instruments MSP430F6435IPZ Datasheet HTML 37Page - Texas Instruments MSP430F6435IPZ Datasheet HTML 38Page - Texas Instruments MSP430F6435IPZ Datasheet HTML 39Page - Texas Instruments MSP430F6435IPZ Datasheet HTML 40Page - Texas Instruments MSP430F6435IPZ Datasheet HTML 41Page - Texas Instruments MSP430F6435IPZ Datasheet HTML 42Page - Texas Instruments MSP430F6435IPZ Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 119 page
background image
MSP430F6438, MSP430F6436, MSP430F6435, MSP430F6433
www.ti.com
SLAS720D – AUGUST 2010 – REVISED DECEMBER 2015
5.35 LCD_B, Recommended Operating Conditions
PARAMETER
CONDITIONS
MIN
NOM
MAX
UNIT
VCC,LCD_B,
Supply voltage range, charge pump
LCDCPEN = 1, 0000 < VLCDx
≤ 1111
2.2
3.6
V
CP en,3.6
enabled, VLCD ≤ 3.6 V
(charge pump enabled, VLCD ≤ 3.6 V)
VCC,LCD_B,
Supply voltage range, charge pump
LCDCPEN = 1, 0000 < VLCDx
≤ 1100
2.0
3.6
V
CP en,3.3
enabled, VLCD ≤ 3.3 V
(charge pump enabled, VLCD ≤ 3.3 V)
Supply voltage range, internal biasing,
VCC,LCD_B, int. bias
LCDCPEN = 0, VLCDEXT = 0
2.4
3.6
V
charge pump disabled
VCC,LCD_B,
Supply voltage range, external biasing,
LCDCPEN = 0, VLCDEXT = 0
2.4
3.6
V
ext. bias
charge pump disabled
Supply voltage range, external LCD
VCC,LCD_B,
voltage, internal or external biasing,
LCDCPEN = 0, VLCDEXT = 1
2.0
3.6
V
VLCDEXT
charge pump disabled
External LCD voltage at LCDCAP/R33,
VLCDCAP/R33
internal or external biasing, charge
LCDCPEN = 0, VLCDEXT = 1
2.4
3.6
V
pump disabled
Capacitor on LCDCAP when charge
LCDCPEN = 1, VLCDx > 0000
CLCDCAP
4.7
4.7
10
µF
pump enabled
(charge pump enabled)
fLCD = 2 × mux × fFRAME
fFrame
LCD frame frequency range
0
100
Hz
(mux = 1 (static), 2, 3, 4)
fACLK,in
ACLK input frequency range
30
32
40
kHz
CPanel
Panel capacitance
100-Hz frame frequency
10000
pF
VCC +
VR33
Analog input voltage at R33
LCDCPEN = 0, VLCDEXT = 1
2.4
V
0.2
LCDREXT = 1, LCDEXTBIAS = 1,
VR03 + 2/3 ×
VR23,1/3bias
Analog input voltage at R23
VR13
VR33
V
LCD2B = 0
(VR33-VR03)
Analog input voltage at R13 with 1/3
LCDREXT = 1, LCDEXTBIAS = 1,
VR03 + 1/3 ×
VR13,1/3bias
VR03
VR23
V
biasing
LCD2B = 0
(VR33-VR03)
Analog input voltage at R13 with 1/2
LCDREXT = 1, LCDEXTBIAS = 1,
VR03 + 1/2 ×
VR13,1/2bias
VR03
VR33
V
biasing
LCD2B = 1
(VR33-VR03)
VR03
Analog input voltage at R03
R0EXT = 1
VSS
V
Voltage difference between VLCD and
VCC+0
VLCD-VR03
LCDCPEN = 0, R0EXT = 1
2.4
V
R03
.2
External LCD reference voltage applied
VLCDREF/R13
VLCDREFx = 01
0.8
1.2
1.5
V
at LCDREF/R13
Copyright © 2010–2015, Texas Instruments Incorporated
Specifications
39
Submit Documentation Feedback
Product Folder Links: MSP430F6438 MSP430F6436 MSP430F6435 MSP430F6433



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com