Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF430CL330HCPWR Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # RF430CL330HCPWR
Description  Dynamic NFC Interface Transponder
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

RF430CL330HCPWR Datasheet(HTML) 31 Page - Texas Instruments

Back Button RF430CL330HCPWR Datasheet HTML 27Page - Texas Instruments RF430CL330HCPWR Datasheet HTML 28Page - Texas Instruments RF430CL330HCPWR Datasheet HTML 29Page - Texas Instruments RF430CL330HCPWR Datasheet HTML 30Page - Texas Instruments RF430CL330HCPWR Datasheet HTML 31Page - Texas Instruments RF430CL330HCPWR Datasheet HTML 32Page - Texas Instruments RF430CL330HCPWR Datasheet HTML 33Page - Texas Instruments RF430CL330HCPWR Datasheet HTML 34Page - Texas Instruments RF430CL330HCPWR Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 47 page
background image
RF430CL330H
www.ti.com
SLAS916C – NOVEMBER 2012 – REVISED NOVEMBER 2014
5.8.1
ISO14443-3 Commands
These commands use the character, frame format, and timing that are described in ISO14443-3, clause
7.1. The following commands are used to manage communication:
REQB and WUPB
The REQB and WUPB Commands sent by the PCD are used to probe the field for PICCs of Type B.
In addition, WUPB is used to wake up PICCs that are in the HALT state. The number of slots N is
included in the command as a parameter to optimize the anticollision algorithm for a given application.
Slot-MARKER
After a REQB or WUPB Command, the PCD may send up to (N-1) Slot-MARKER Commands to define
the start of each timeslot. Slot-MARKER Commands can be sent after the end of an ATQB message
received by the PCD to mark the start of the next slot or earlier if no ATQB is received (no need to wait
until the end of a slot, if this slot is known to be empty).
ATTRIB
The ATTRIB Command sent by the PCD includes information required to select a single PICC. A PICC
receiving an ATTRIB Command with its identifier becomes selected and assigned to a dedicated
channel. After being selected, this PICC only responds to commands defined in ISO/IEC 14443-4 that
include its unique CID.
HLTB
The HLTB Command is used to set a PICC in HALT state and stop responding to a REQB.
After answering to this command, the PICC ignores any commands except the WUPB.
5.8.2
NFC Tag Type 4 Commands
Select
Selection of applications or files
ReadBinary
Read data from file
UpdateBinary
Update (erase and write) data to file
Copyright © 2012–2014, Texas Instruments Incorporated
Detailed Description
31
Submit Documentation Feedback
Product Folder Links: RF430CL330H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com