Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPU07N60C2 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # SPU07N60C2
Description  Cool MOS??Power Transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPU07N60C2 Datasheet(HTML) 4 Page - Infineon Technologies AG

  SPU07N60C2 Datasheet HTML 1Page - Infineon Technologies AG SPU07N60C2 Datasheet HTML 2Page - Infineon Technologies AG SPU07N60C2 Datasheet HTML 3Page - Infineon Technologies AG SPU07N60C2 Datasheet HTML 4Page - Infineon Technologies AG SPU07N60C2 Datasheet HTML 5Page - Infineon Technologies AG SPU07N60C2 Datasheet HTML 6Page - Infineon Technologies AG SPU07N60C2 Datasheet HTML 7Page - Infineon Technologies AG SPU07N60C2 Datasheet HTML 8Page - Infineon Technologies AG SPU07N60C2 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
2002-10-07
Page 4
SPD07N60C2
SPU07N60C2
Final data
Electrical Characteristics, at Tj = 25 °C, unless otherwise specified
Parameter
Symbol
Conditions
Values
Unit
min.
typ.
max.
Characteristics
Inverse diode continuous
forward current
IS
TC=25°C
-
-
7.3
A
Inverse diode direct current,
pulsed
ISM
-
-
14.6
Inverse diode forward voltage
VSD
VGS=0V, IF=IS
-
1
1.2
V
Reverse recovery time
trr
VR=350V, IF=IS ,
diF/dt=100A/µs
-
750
1275
ns
Reverse recovery charge
Qrr
-
4.9
-
µC
Peak reverse recovery current
Irrm
-
18
-
A
Peak rate of fall of reverse
recovery current
dirr/dt
-
550
-
A/µs
Typical Transient Thermal Characteristics
Symbol
Value
Unit
Symbol
Value
Unit
typ.
typ.
Thermal resistance
Rth1
0.024
K/W
Rth2
0.052
Rth3
0.065
Rth4
0.172
Rth5
0.177
Rth6
0.064
Thermal capacitance
Cth1
0.0001354
Ws/K
Cth2
0.0004561
Cth3
0.0007717
Cth4
0.001013
Cth5
0.00738
Cth6
0.04
E xternal H eatsink
Tj
Tcase
Tamb
C th1
C th2
R th1
R th,n
C th,n
P tot (t)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com