Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPU07N60C2 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # SPU07N60C2
Description  Cool MOS??Power Transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPU07N60C2 Datasheet(HTML) 5 Page - Infineon Technologies AG

  SPU07N60C2 Datasheet HTML 1Page - Infineon Technologies AG SPU07N60C2 Datasheet HTML 2Page - Infineon Technologies AG SPU07N60C2 Datasheet HTML 3Page - Infineon Technologies AG SPU07N60C2 Datasheet HTML 4Page - Infineon Technologies AG SPU07N60C2 Datasheet HTML 5Page - Infineon Technologies AG SPU07N60C2 Datasheet HTML 6Page - Infineon Technologies AG SPU07N60C2 Datasheet HTML 7Page - Infineon Technologies AG SPU07N60C2 Datasheet HTML 8Page - Infineon Technologies AG SPU07N60C2 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
2002-10-07
Page 5
SPD07N60C2
SPU07N60C2
Final data
1 Power dissipation
Ptot = f (TC)
0
20
40
60
80
100
120
°C
160
TC
0
10
20
30
40
50
60
70
80
W
100
SPD07N60C2
2 Safe operating area
ID = f ( VDS )
parameter : D = 0 , TC=25°C
10
0
10
1
10
2
10
3
V
VDS
-2
10
-1
10
0
10
1
10
2
10
A
tp = 0.001 ms
tp = 0.01 ms
tp = 0.1 ms
tp = 1 ms
DC
3 Transient thermal impedance
ZthJC = f (tp)
parameter: D = tp/T
10
-7
10
-6
10
-5
10
-4
10
-3
10
-1
s
tp
-3
10
-2
10
-1
10
0
10
1
10
K/W
D = 0.5
D = 0.2
D = 0.1
D = 0.05
D = 0.02
D = 0.01
single pulse
4 Typ. output characteristic
ID = f (VDS); Tj=25°C
parameter: tp = 10 µs, VGS
0
5
10
15
V
25
VDS
0
5
10
15
A
25
7V
8V
9V
10V
12V
20V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com