Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS2960 Datasheet(PDF) 73 Page - Semtech Corporation

Part # GS2960
Description  3Gb/s, HD, SD SDI Receiver Complete with SMPTE Video Processing
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2960 Datasheet(HTML) 73 Page - Semtech Corporation

Back Button GS2960 Datasheet HTML 69Page - Semtech Corporation GS2960 Datasheet HTML 70Page - Semtech Corporation GS2960 Datasheet HTML 71Page - Semtech Corporation GS2960 Datasheet HTML 72Page - Semtech Corporation GS2960 Datasheet HTML 73Page - Semtech Corporation GS2960 Datasheet HTML 74Page - Semtech Corporation GS2960 Datasheet HTML 75Page - Semtech Corporation GS2960 Datasheet HTML 76Page - Semtech Corporation GS2960 Datasheet HTML 77Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 97 page
background image
GS2960 3Gb/s, HD, SD SDI Receiver Complete with
SMPTE Video Processing
Data Sheet
48003 - 6
September 2012
73 of 97
conversion, it is recommended to reset the Level B to A converter with the following
sequence:
1. Assert the B to A converter reset by writing ‘1’ to bit 3 of register 05Eh.
2. Monitor H-pulse for a high-to-low transition.
3. De-assert the B to A converter reset by writing ‘0’ to bit 3 of register 05Eh. This must
be completed at the beginning of AV and should be completed in 1920 PCLK
periods.
4.19 GSPI - HOST Interface
The GSPI, or Gennum Serial Peripheral Interface, is a 4-wire interface provided to allow
the system to access additional status and control information through configuration
registers in the GS2960.
The GSPI is comprised of a Serial Data Input signal (SDIN), Serial Data Output signal
(SDOUT), an active low Chip Select (CS), and a Burst Clock (SCLK).
Because these pins are shared with the JTAG interface port, an additional control signal
pin JTAG/HOST is provided.
When JTAG/HOST is LOW, the GSPI interface is enabled. When JTAG/HOST is HIGH, the
JTAG interface is enabled.
When operating in GSPI mode, the SCLK, SDIN, and CS signals must be provided by the
system. The SDOUT pin is a non-clocked loop-through of SDIN and may be connected to
the SDIN of another device, allowing multiple devices to be connected to the GSPI chain.
See Section 4.19.2 for details. The interface is illustrated in the Figure 4-33 below.
Figure 4-33: GSPI Application Interface Connection
All read or write access to the GS2960 is initiated and terminated by the system host
processor. Each access always begins with a Command/Address Word, followed by a
data write to, or data read from, the GS2960.
Application Host
SCLK
SCLK
SCLK
CS1
SDOUT
SDIN
SDOUT
SDOUT
CS
SDIN
SDIN
CS2
GS2960
GS2960
CS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com