Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS2960 Datasheet(PDF) 21 Page - Semtech Corporation

Part # GS2960
Description  3Gb/s, HD, SD SDI Receiver Complete with SMPTE Video Processing
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2960 Datasheet(HTML) 21 Page - Semtech Corporation

Back Button GS2960 Datasheet HTML 17Page - Semtech Corporation GS2960 Datasheet HTML 18Page - Semtech Corporation GS2960 Datasheet HTML 19Page - Semtech Corporation GS2960 Datasheet HTML 20Page - Semtech Corporation GS2960 Datasheet HTML 21Page - Semtech Corporation GS2960 Datasheet HTML 22Page - Semtech Corporation GS2960 Datasheet HTML 23Page - Semtech Corporation GS2960 Datasheet HTML 24Page - Semtech Corporation GS2960 Datasheet HTML 25Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 97 page
background image
GS2960 3Gb/s, HD, SD SDI Receiver Complete with
SMPTE Video Processing
Data Sheet
48003 - 6
September 2012
21 of 97
Serial Digital Input
Serial Input Data Rate
DRSDI
–
0.27
–
2.97
Gb/s
–
Serial Input Swing
ΔVSDI
Differential
with 100
Ω
load
500
800
1100
mVp-p
–
Serial Input Jitter ToleranceIJT
Nominal
loop
bandwidth
Square
wave
mod.
0.7
0.8
−
UI
–
Serial Digital Output
Serial Output Data Rate
DRSDO
−
0.27
–
2.97
Gb/s
−
Serial Output Swing
ΔV
SDO
Differential
with 100
Ω
load
350
–
600
mVp-p
–
Serial Output Rise Time
20% ~ 80%
trSDO
–
–
–
180
ps
–
Serial Output Fall Time
20% ~ 80%
tfSDO
–
–
–
180
ps
–
Serial Output Intrinsic Jitter
tOJ
SMPTE
colour bar
3G signal
–
–
100
ps
–
SMPTE
colour bar
HD signal
–
–
100
ps
–
SMPTE
colour bar
SD signal
–
–
400
ps
–
Serial Output Duty Cycle
Distortion
DCDSDD
3G
–10
–
ps
–
HD
–
10
–
ps
–
SD–
20
–
ps
–
Synchronous lock time
–
–
−
–25
μs
6
Asynchronous lock time
–
–
100
–
825
μs–
Lock time from power-up
–
After 20
minutes at
-20°C
–325
ms
–
GSPI
GSPI Input Clock FrequencyfSCLK
50% levels
3.3V or 1.8V
operation
––
60MHz
5
GSPI Input Clock Duty Cycle
DCSCLK
40
50
60%
5
GSPI Input Data Setup Time
–
1.5
–
–
ns
5
GSPI Input Data Hold Time
–
1.5
–
–
ns
5
Table 2-4: AC Electrical Characteristics (Continued)
Guaranteed over recommended operating conditions unless otherwise noted.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com