Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS2960 Datasheet(PDF) 86 Page - Semtech Corporation

Part # GS2960
Description  3Gb/s, HD, SD SDI Receiver Complete with SMPTE Video Processing
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2960 Datasheet(HTML) 86 Page - Semtech Corporation

Back Button GS2960 Datasheet HTML 82Page - Semtech Corporation GS2960 Datasheet HTML 83Page - Semtech Corporation GS2960 Datasheet HTML 84Page - Semtech Corporation GS2960 Datasheet HTML 85Page - Semtech Corporation GS2960 Datasheet HTML 86Page - Semtech Corporation GS2960 Datasheet HTML 87Page - Semtech Corporation GS2960 Datasheet HTML 88Page - Semtech Corporation GS2960 Datasheet HTML 89Page - Semtech Corporation GS2960 Datasheet HTML 90Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 97 page
background image
GS2960 3Gb/s, HD, SD SDI Receiver Complete with
SMPTE Video Processing
Data Sheet
48003 - 6
September 2012
86 of 97
01ChVIDEO_FORMAT
_352_B_2
VIDEO_FORMAT_4_DS2
15-8
SMPTE 352M embedded packet –
byte 4 (3G Data Stream 2 only).
R0
VIDEO_FORMAT_3_DS27-0
SMPTE 352M embedded packet –
byte 3 (3G Data Stream 2 only).
R0
01Dh
VIDEO_FORMAT
_352_INS_A
VIDEO_FORMAT_2_INS
15-8
SMPTE 352M packet - byte 2 to be
embedded after Level B to Level A
conversion.
R/W
0
VIDEO_FORMAT_1_INS
7-0
SMPTE 352M packet - byte 1 to be
embedded after Level B to Level A
conversion.
R/W
0
01Eh
VIDEO_FORMAT
_352_INS_B
VIDEO_FORMAT_4_INS
15-8
SMPTE 352M packet - byte 4 to be
embedded after Level B to Level A
conversion.
R/W
0
VIDEO_FORMAT_3_INS
7-0
SMPTE 352M packet - byte 3 to be
embedded after Level B to Level A
conversion.
R/W
0
01Fh
RASTER_STRUC_
1
RSVD
15-14
Reserved.
R
0
WORDS_PER_ACTLINE
13-0
Words Per Active Line.
R
0
020h
RASTER_STRUC_
2
RSVD
15-14
Reserved.
R
0
WORDS_PER_LINE
13-0
Total Words Per Line.
R
0
021h
RASTER_STRUC_
3
RSVD
15-11
Reserved.
R
0
LINES_PER_FRAME
10-0
Total Lines Per Frame.
R
0
022h
RASTER_STRUC_
4
RATE_SEL_READBACK
15-14
Read back detected data rate:
0 = HD,
1,3=SD,
2=3G
R0
M13
Specifies detected M value
0: 1.000
1: 1.001
R0
Note: In certain systems, due to greater ppm offsets in the crystal, the ‘M’ bit may not assert
properly. In such cases, bits 3:0 in Register 06Fh can be increased to a maximum value of 4.
STD_LOCK12
Video standard lock.
R
0
INT_PROG
11
Interlaced or progressive.
R
0
ACTLINE_PER_FIELD
10-0
Active lines per frame.
R
0
Table 4-17: Configuration and Status Registers (Continued)
Address
Register Name
Bit Name
Bit
Description
R/W
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com